Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 35 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 31Page - STMicroelectronics RIVA128ZX Datasheet HTML 32Page - STMicroelectronics RIVA128ZX Datasheet HTML 33Page - STMicroelectronics RIVA128ZX Datasheet HTML 34Page - STMicroelectronics RIVA128ZX Datasheet HTML 35Page - STMicroelectronics RIVA128ZX Datasheet HTML 36Page - STMicroelectronics RIVA128ZX Datasheet HTML 37Page - STMicroelectronics RIVA128ZX Datasheet HTML 38Page - STMicroelectronics RIVA128ZX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
35/85
6.3
SDRAM/SGRAM ACCESSES AND COMMANDS
Read and write accesses to SDRAM/SGRAM are burst oriented. SDRAM/SGRAM commands supported
by the RIVA128ZX are shown in Table 9. Initialization of the memory devices is performed in the standard
SDRAM/SGRAM manner. Access sequences begin with an Active command followed by a Read or Write
command. The address bits registered coincident with the Read or Write command are used to select the
starting column location for the burst access. The RIVA128ZX always uses a burst length of one and can
launch a new read or write on every cycle.
SDRAM/SGRAM has a fully synchronous interface with all signals registered on the positive edge of FB-
CLKx. Multiple clock outputs allow reductions in signal loading and more accuracy in data sampling at
high frequency. The clock signals can be interspersed as shown in Figure 30, page 33 for optimal loading
with either 4 or 8MBytes. The I/O timings relative to FBCLKx are shown in Figure 32, page 37.
Table 8.
Truth table of supported SDRAM commands
NOTES
1
FBCKE is high and DSF is low for all supported commands.
2
Activates or deactivates FBD[63:0] during writes (zero clock delay) and reads (two-clock delay).
3
For FBA10 low, FBCS[1]# determines which bank is precharged; for FBA10 high, all banks are precharged irrespective
of the state of FBCS[1]#.
Command1
FBCS0# FBRAS# FBCAS# FBWE#
FBDQM
FBCS[1]#,
FBA[10:0]
FBD[63:0] Notes
Command inhibit (NOP)
H
x
x
x
x
x
x
No operation (NOP)
L
H
H
H
x
x
x
Active (select bank and
activate row)
LL
H
H
x
FBCS[1]#=bank
FBA[10:0]=row
x
Read (select bank and
column and start read
burst)
LH
LH
x
FBCS[1]#=bank
FBA[10]=0
FBA[7:0]=col
x
Write (select bank and
column and start write
burst)
LH
L
L
x
FBCS[1]#=bank
FBA[10]=0
FBA[7:0]=col
valid data
Precharge (deactivate
row in bank or banks)
LL
H
L
x
FBA[10]=code
x
3
Load mode register
LLLL
x
FBCS[1]#,
FBA[10:0] =
opcode
Write enable/output
enable
-
-
-
-
L
-
active
2
Write inhibit/output
High-Z
-
-
-
-
H
-
high-Z
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com