Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 55 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 55 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 51Page - STMicroelectronics RIVA128ZX Datasheet HTML 52Page - STMicroelectronics RIVA128ZX Datasheet HTML 53Page - STMicroelectronics RIVA128ZX Datasheet HTML 54Page - STMicroelectronics RIVA128ZX Datasheet HTML 55Page - STMicroelectronics RIVA128ZX Datasheet HTML 56Page - STMicroelectronics RIVA128ZX Datasheet HTML 57Page - STMicroelectronics RIVA128ZX Datasheet HTML 58Page - STMicroelectronics RIVA128ZX Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
55/85
10
POWER-ON RESET CONFIGURATION
The RIVA128ZX latches its configuration on the
trailing edge of RST# and holds its system bus in-
terface in a high impedance state until this time. To
accomplish this, pull-up or pull-down resistors are
connected to the FBA[9:0] pins as appropriate.
Since there are no internal pull-up or pull-down re-
sistors and the address bus should be floating dur-
ing reset, a resistor value of up to 47K
Ω, but no
less than 10K
Ω, should be sufficient.
The power-on reset configuration seen by the chip
may be overwritten. The external FBA[9:0] config-
uration is stored in latches. An additional writable
register, containing all of the configuration bits
plus an additional STRAP_OVERWRITE bit (reg-
ister bit [11]), exists in parallel with the latches to
allow the host to overwrite the external value. Writ-
ing to address BOOT_0 (0x00101000) writes into
this register.
The STRAP_OVERWRITE bit controls whether
the latches or the parallel writable register are se-
lected. When STRAP_OVERWRITE is set to 0,
the latched FBA[9:0] configuration is selected.
When set to 1, the chip uses the register value.
Reading from address BOOT_0 reads either the
configuration latches or the parallel register de-
pending on the STRAP_OVERWRITE setting.
Power-on reset FBA[9:0] bit assignments
[9]
AGP Mode. This bit selects whether the AGP bus 1X or 2X mode is enabled.
0 = AGP 2X mode enabled
1 = AGP 1X mode enabled
[8:7]
TV Mode. These bits select the timing format when TV mode is enabled.
00 = Reserved
01 = NTSC
10 = PAL
11 = TV mode disabled
[6]
Crystal Frequency. This bit should match the frequency of the crystal or reference clock connect-
ed to XTALOUT and XTALIN.
0 = 13.500MHz (used where TV output may be enabled)
1 = 14.31818MHz
[5]
Host Interface
0 = PCI
1 = AGP
[4]
RAM Width
0 = 64-bit framebuffer data bus width (the upper 64-bit data bus and byte selects are tri-state)
1 = 128-bit framebuffer data bus width
Although a 10K
Ω resistor is used to strap the default state of this bit in RIVA 128 and RIVA128ZX
reference designs, it is ignored by the video BIOS which auto-detects the memory type and con-
figures the RIVA128ZX appropriately.
[3]
APCI Supported
0 = ACPI registers not supported. This provides compatibility with the PCI register configuration
as implemented by RIVA 128. The RIVA128ZX will be identified by DEVICE_ID_CHIP = 0x18 at
PCI Configuration offset 0x0.
1 = ACPI registers supported. Power management registers supported in PCI configuration
space. The RIVA128ZX will be identified by DEVICE_ID_CHIP = 0x19 at PCI Configuration offset
0x0.
9
876
543
210
AGP
Mode
TV Mode
Crystal
Host
Interface
RAM
Width
ACPI
Sup-
ported
RAM
Type
Sub-
Vendor
Bus
Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com