Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 44 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 40Page - STMicroelectronics RIVA128ZX Datasheet HTML 41Page - STMicroelectronics RIVA128ZX Datasheet HTML 42Page - STMicroelectronics RIVA128ZX Datasheet HTML 43Page - STMicroelectronics RIVA128ZX Datasheet HTML 44Page - STMicroelectronics RIVA128ZX Datasheet HTML 45Page - STMicroelectronics RIVA128ZX Datasheet HTML 46Page - STMicroelectronics RIVA128ZX Datasheet HTML 47Page - STMicroelectronics RIVA128ZX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
44/85
Figure 44.
Displaying 2 fields with 1:1 ratio
The
RIVA128ZX video overlay handles interlaced
video by displaying every field, at the original frame
rate of the video (50Hz for PAL and 60Hz for
NTSC). The video scaling logic upscales
, in the ver-
tical direction
,the luma components in each field
and linearly interpolates successive lines to pro-
duce the missing lines of each field. This interpolat-
ed scale is applied such that the full frame size of
each field
is stretched to the desired height.
The video scaler offsets the bottom field image by
half a source image line to ensure that both frames
when played back align vertically.
The vertical filtering results in a smooth high quality
video playback. Also by displaying both fields one af-
ter another, any motion artifacts often found in dein-
terlaced video output are removed, because the pix-
els in each field are
displayed in the order in which the
original source was captured.
Line 10
Interpolated line
(Line 10 & 12)
Line 12
Line 11
Line 13
Interpolated line
(Line 11 & 13)
Frame 1 (Top field)
Frame 2 (Bottom field)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com