Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 46 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 46 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 42Page - STMicroelectronics RIVA128ZX Datasheet HTML 43Page - STMicroelectronics RIVA128ZX Datasheet HTML 44Page - STMicroelectronics RIVA128ZX Datasheet HTML 45Page - STMicroelectronics RIVA128ZX Datasheet HTML 46Page - STMicroelectronics RIVA128ZX Datasheet HTML 47Page - STMicroelectronics RIVA128ZX Datasheet HTML 48Page - STMicroelectronics RIVA128ZX Datasheet HTML 49Page - STMicroelectronics RIVA128ZX Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
46/85
8.2
BI-DIRECTIONAL MEDIA PORT POLLING
COMMANDS USING MPC
The Media Port transfers data using a Polling Pro-
tocol.
The
Media Port is
enabled on
the
RIVA128ZX by the host system software. The first
cycle after being enabled is a Poll Cycle. The MPC
ASIC must respond to every poll cycle with valid
data during DTACK active. If no transactions are
needed, it responds with 00h. The Media Port will
continue to Poll until a transaction is requested, or
until there is a Host CPU access to an external
register.
Polling Cycle
Media Port initiates a Polling Cycle whenever
there is no pending transaction. This gives the
MPC ASIC a mechanism to initiate a transaction.
The valid Polling commands are listed in the Poll-
ing Command table. The priority for the polling re-
quests should be to give the Display Data FIFO
highest priority.
CPU Register Write
Initiated by the Host system software.
CPU Register Read Issue
Initiated by the Host system software. The read
differs from the write in the fact that it must be
done in two separate transfers. The Read Issue is
just the initiation of the read cycle. The Media Port
transfers the address of the register to be read
during this cycle. After completion of the Read Is-
sue cycle the media port goes back to polling for
the next transaction. When it receives a Read
Data ready command, it will start the next cycle in
the read.
CPU Register Read Receive
Initiated by the MPC ASIC when it has read data
ready to be transferred to the media port. The
MPC ASIC waits for the next polling cycle and re-
turns a Read Data Ready status. The media port
will transfer the read data on the next Read Re-
ceive Cycle. The PCI bus will be held off and retry
until the register read is complete.
Video Compressed Data DMA Write
Initiated by the MPC ASIC with the appropriate
Polling Command. The media port manages the
Video Compressed data buffer in system memory.
Each request for data will return 32 bytes in a sin-
gle burst.
Display Data DMA Read
Initiated by the MPC ASIC with the polling com-
mand. The MPC ASIC initiates this transfer when
it wishes to transfer video data in ITU-R-656 for-
mat.
Table 13.
Media Port Transactions
Table 14.
Polling Cycle Commands
A0 Cycle
Transaction
Description
11xx0000
Poll_Cycle
Polling Cycle
00xx----
CPUWrite
CPU Register Write
01xx1111
CPURead_Issue
CPU Register Read Issue
11xx1111
CPURead_Receive
CPU Register Read Receive
01xx0001
VCD_DMA_Write
Video Compressed Data DMA Write
11xx1000
Display_Data_Read
Display Data DMA Read
BIT
Data
Description
0
000xxxx1
NV_PME_VMI_POLL_UNCD
Request DMA Read of Display Data
1
000xxx1x
NV_PME_VMI_POLL_VIDCD
Request DMA Write of Video Compressed Data
3
000x1xxx
NV_PME_VMI_POLL_INT
Request for Interrupt
4
0001xxxx
NV_PME_VMI_POLL_CPURDREC
Respond to Read Issue - Read Data Ready
00000000
NULL
No Transactions requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com