Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 39 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 35Page - STMicroelectronics RIVA128ZX Datasheet HTML 36Page - STMicroelectronics RIVA128ZX Datasheet HTML 37Page - STMicroelectronics RIVA128ZX Datasheet HTML 38Page - STMicroelectronics RIVA128ZX Datasheet HTML 39Page - STMicroelectronics RIVA128ZX Datasheet HTML 40Page - STMicroelectronics RIVA128ZX Datasheet HTML 41Page - STMicroelectronics RIVA128ZX Datasheet HTML 42Page - STMicroelectronics RIVA128ZX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
39/85
Table 11.
SDRAM/SGRAM I/O timing parameters
Figure 37.
SDRAM/SGRAM random write cycles within a page
NOTE
1
Covers either successive writes to the active row in a given bank or to the active rows in different banks. FBDQM is active
(low).
Figure 38.
SDRAM/SGRAM write to read cycle
NOTE
1
A read latency of 2 is shown for illustration
Figure 39.
SDRAM/SGRAM read to precharge, read latency of two
NOTE
1
FBDQM is active (low)
Symbol
Parameter
Min.
Max.
Unit
Notes
tHZ
Data out high impedance time
4
10
ns
tDS
Write data setup time
4
ns
write
write
write
write
data n
data a
data x
data m
bank, col n
bank, col a
bank, col x
bank, col m
FBCLKx
Command
FBA[10:0]
FBD[63:0]
write
nop
read
nop
nop
nop
bank,
col n
bank,
col b
write
data n
write
data n
read
data b
FBCLKx
Command
FBA[10:0]
FBD[63:0]
nop
active
bank(s)
bank,row
data n
tRP
read
precharge
nop
bank, col n
FBCLKx
Command
FBA[10:0]
FBD[63:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com