Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 60 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 60 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 56Page - STMicroelectronics RIVA128ZX Datasheet HTML 57Page - STMicroelectronics RIVA128ZX Datasheet HTML 58Page - STMicroelectronics RIVA128ZX Datasheet HTML 59Page - STMicroelectronics RIVA128ZX Datasheet HTML 60Page - STMicroelectronics RIVA128ZX Datasheet HTML 61Page - STMicroelectronics RIVA128ZX Datasheet HTML 62Page - STMicroelectronics RIVA128ZX Datasheet HTML 63Page - STMicroelectronics RIVA128ZX Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
60/85
11.5 ANALOG INTERFACE
Figure 66.
Recommended circuit (crystal circuit is for designs not supporting TV out)
Table 20.
Table of parts for recommended circuit (Figure 66)
Part number
Value
Description
C1
22
µF
tantalum capacitor
C2
100nF
surface mount capacitor
C3, C4
10pF
surface mount capacitor
C5, C6
10nF
surface mount capacitor
R1
147
Ω
1% resistor
R2-R4
75
Ω
1% resistor
D1-D6
1N4148
protection diodes
L1
1
µH
inductor
X1
13.50000MHz
series resonant crystal (used where TV output may be
required)
14.31818MHz
series resonant crystal
C2
Monitor
RSET
PLLVDD
VDD
GND
VDD
Local PLLVDD plane
∗
∗
L1
75
Ω
∗ These components should be placed as close to the RIVA128ZX outputs as possible
75
Ω
cable
D1-D3
Power supply
C1
C5
R1
R2-R4
D4-D6
∗
XTALIN
C3
C4
X1
∗
COMP
RED,
GREEN,
BLUE
XTALOUT
RIVA128ZX
VREF
C6
DACVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com