Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 37 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 33Page - STMicroelectronics RIVA128ZX Datasheet HTML 34Page - STMicroelectronics RIVA128ZX Datasheet HTML 35Page - STMicroelectronics RIVA128ZX Datasheet HTML 36Page - STMicroelectronics RIVA128ZX Datasheet HTML 37Page - STMicroelectronics RIVA128ZX Datasheet HTML 38Page - STMicroelectronics RIVA128ZX Datasheet HTML 39Page - STMicroelectronics RIVA128ZX Datasheet HTML 40Page - STMicroelectronics RIVA128ZX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
37/85
6.4
LAYOUT OF FRAMEBUFFER CLOCK SIGNALS
Separate clock signals FBCLK0 and FBCLK1 are provided for each bank of memory to give reduced
clock skew and loading. Additionally there is a clock feedback loop between FBCLK2 and FBCLKFB.
It is recommended that long traces are used without tunable components. If the layout includes provision
for expansion to 8MBytes, the clock path to the 4MByte parts should be at the end of the trace, and the
clock path to the 8MByte expansion located between the RIVA128ZX and the 4MByte parts as shown in
Figure 32. FBCLK2 and FBCLKFB should be shorted together as close to the package as possible.
Figure 32.
Recommended memory clock layout
6.5
FRAMEBUFFER INTERFACE TIMING SPECIFICATION
Figure 33.
SDRAM/SGRAM I/O timing diagram
Table 10.
SDRAM/SGRAM I/O timing parameters
Symbol
Parameter
Min.
Max.
Unit
Notes
-10
-12
-10
-12
tCK
CLK period
10
12
-
-
ns
tCH
CLK high time
3.5
4.5
-
-
ns
tCL
CLK low time
3.5
4.5
-
-
ns
tAS
Address setup time
3
4
-
ns
tAH
Address hold time
1
1
-
ns
tDS
Write data setup time
3
4
-
ns
RIVA128ZX
512K
x32
512K
x32
512K
x32
512K
x32
Bank 1
Bank 0
Expansion
to 8MBytes
FBCLK0
FBCLK1
t
t
FBCLK2
FBCLKFB
tCH
tCK
tCL
tAS,tDS
tAH,tDH
tLZ
tAC
tOH
FBCLKx
FBA[10:0], FBD[63:0]
FBD[63:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com