Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 19 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 15Page - STMicroelectronics RIVA128ZX Datasheet HTML 16Page - STMicroelectronics RIVA128ZX Datasheet HTML 17Page - STMicroelectronics RIVA128ZX Datasheet HTML 18Page - STMicroelectronics RIVA128ZX Datasheet HTML 19Page - STMicroelectronics RIVA128ZX Datasheet HTML 20Page - STMicroelectronics RIVA128ZX Datasheet HTML 21Page - STMicroelectronics RIVA128ZX Datasheet HTML 22Page - STMicroelectronics RIVA128ZX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
19/85
Figure 8.
2X Read data, no delay
Figure 8 shows 32 bytes being transferred during 4 clocks (compared with 16 bytes in AGP 1x mode). The
control signals are identical. The AGPAD_STBx signal has been added when data is transferred at 8
bytes per PCICLK period. AGPAD_STBx represents AGPAD_STB0 and AGPAD_STB1 and are used
by the 2X interface logic to indicate when valid data is present on the AD bus. The control logic (PCITRDY#
in this case) indicates when data can be used by the target.
Figure 9.
2X Back to back read data, no delay
Figure 9 shows back to back 8 byte read transactions. AGPST[2:0] are shown toggling between “000”and
“001” to illustrate that they are actually changing. However, they are not required to change between high
and low priority to do back to back transactions. In this diagram, PCITRDY# is asserted on each clock
since a new transaction starts on each clock.
+1
00x
xxx
xxx
xxx
xxx
xxx
xxx
R1
+5
+6
+7
+2
+3
+4
PCICLK
PCIAD[31:0]
AGPADSTBx
AGPRBF#
PCITRDY#
PCIREQ#
PCIGNT#
AGPST[2:0]
123
456
7
+1
000
001
000
001
000
xx
001
000
001
L6
+1 H5 +1
xx
H4 +1
+L7
L8 +1 H6 +1 L9 +1
PCICLK
PCIAD[31:0]
AGPADSTBx
AGPRBF#
PCITRDY#
PCIGNT#
AGPST[2:0]
123456
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com