Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 57 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 57 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 53Page - STMicroelectronics RIVA128ZX Datasheet HTML 54Page - STMicroelectronics RIVA128ZX Datasheet HTML 55Page - STMicroelectronics RIVA128ZX Datasheet HTML 56Page - STMicroelectronics RIVA128ZX Datasheet HTML 57Page - STMicroelectronics RIVA128ZX Datasheet HTML 58Page - STMicroelectronics RIVA128ZX Datasheet HTML 59Page - STMicroelectronics RIVA128ZX Datasheet HTML 60Page - STMicroelectronics RIVA128ZX Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
57/85
11
DISPLAY INTERFACE
11.1 PALETTE-DAC
The Palette-DAC integrated into the RIVA128ZX
supports a traditional pixel pipeline with the follow-
ing enhancements:
• Support for 10:10:10, 8:8:8, 5:6:5 and 5:5:5 di-
rect color pixel modes
• Support for dynamic gamma correction on a
pixel by pixel basis
• Support for mixed indexed color and direct col-
or pixels
• 256 x 24 LUT for 8-bit indexed modes
• High quality video overlay
- Accepts interlaced video fields allowing a re-
duction in memory buffering requirements while
incorporating temporal averaging
- Line buffer for horizontal and vertical interpola-
tion of video streams up to square pixel PAL
resolution
- 3x2 multitap interpolating filter with image
sharpening
- Color key in all color pixel modes
- High quality YUV to RGB conversion with
chrominance control.
11.2 PIXEL MODES SUPPORTED
8-bit indexed color
In the 8-bit indexed color each 32-bit word contains four 8-bit indexed color pixels, each comprising bits
b[7:0] as shown below.
NOTE
1
This 32-bit representation can be extended to 64-bit and 128-bit widths by duplicating the 32-bit word in little-endian format.
16-bit direct color modes (5:6:5 direct and 5:5:5 with and without gamma correction)
In 5:5:5 color modes bit 15 of each pixel can be enabled to select whether pixel data bypasses the LUT to
feed the DACs directly, or indirectly, through the LUT, to allow gamma correction to be applied. If not en-
abled then the bypass mode will always be selected, and the LUT powered down. The 16-bit modes in-
clude a 5:6:5 format which always bypasses the LUT.
NOTE
1
This 32-bit representation can be extended to 64-bit and 128-bit widths by duplicating the 32-bit word in little-endian for-
mat.
32-bit direct color (8:8:8 with gamma correction or 10:10:10 direct)
In 32-bit color mode bit 31 of each pixel selects whether pixel data bypasses the LUT, to feed the DACs
directly or indirectly, through the LUT, to allow gamma correction to be applied. In the table below the Red,
Green and Blue bypass bits are shown individually as R[9:0], G[9:0], and B[9:0] because, in the bypass
Pixel formats (FBD[31:0])
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Pixel 3
Pixel 2
Pixel 1
Pixel 0
b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0
5:6:5
mode
Pixel formats (FBD[31:0])
Pixel 1
Pixel 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 987
6543210
0
0
Red gamma
Green gamma
Blue gamma
0
Red gamma
Green gamma
Blue gamma
0
1
Red bypass
Green bypass
Blue bypass
1
Red bypass
Green bypass
Blue bypass
1
Red bypass
Green bypass
Blue bypass
Red bypass
Green bypass
Blue bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com