Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 67 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 67 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 63Page - STMicroelectronics RIVA128ZX Datasheet HTML 64Page - STMicroelectronics RIVA128ZX Datasheet HTML 65Page - STMicroelectronics RIVA128ZX Datasheet HTML 66Page - STMicroelectronics RIVA128ZX Datasheet HTML 67Page - STMicroelectronics RIVA128ZX Datasheet HTML 68Page - STMicroelectronics RIVA128ZX Datasheet HTML 69Page - STMicroelectronics RIVA128ZX Datasheet HTML 70Page - STMicroelectronics RIVA128ZX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
67/85
14
PACKAGE DIMENSION SPECIFICATION
14.1 300 PIN BALL GRID ARRAY PACKAGE
Figure 69.
RIVA128ZX 300 Plastic Ball Grid Array Package dimension reference
Table 25.
RIVA128ZX 300 Plastic Ball Grid Array Package dimension specification
Ref.
Millimeters
Inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
2.125
2.595
0.083
0.102
A1
0.50
0.70
0.020
0.027
A2
1.625
1.895
0.064
0.074
b
0.60
0.90
0.024
0.035
D
27.00
26.82
27.18
1.063
1.055
1.070
D1
24.13 Basic
0.951 Basic
D2
23.90
24.10
0.941
0.949
e
1.27 Basic
0.050 Basic
E
27.00
26.82
27.18
1.063
1.055
1.070
E1
24.13 Basic
0.951 Basic
E2
23.90
24.10
0.941
0.949
All dimensions in mm unless otherwise noted
tolerances unless otherwise noted (mm)
0
≤ 10
>10
≤ 50
>50
≤ 200
>200
±0.05
±0.1
±0.15
±0.25
D2
A1
C
20 19 18 17 16 15 14 13 12 11 10 9 8 7
6
5 4
3
2 1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
D
A
B
D1
e
(4x)
b
SOLDER BALL (Typ)
0.250
A2
A
0.300
C A
B
0.100
S
C
S
SS
C
0.350 C
0.150 C
0.200
e
Pin 1 indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com