Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 56 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 56 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 52Page - STMicroelectronics RIVA128ZX Datasheet HTML 53Page - STMicroelectronics RIVA128ZX Datasheet HTML 54Page - STMicroelectronics RIVA128ZX Datasheet HTML 55Page - STMicroelectronics RIVA128ZX Datasheet HTML 56Page - STMicroelectronics RIVA128ZX Datasheet HTML 57Page - STMicroelectronics RIVA128ZX Datasheet HTML 58Page - STMicroelectronics RIVA128ZX Datasheet HTML 59Page - STMicroelectronics RIVA128ZX Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
56/85
[2]
RAM Type
0 = 16Mbit, 2 or 4 internal bank SGRAM or 16Mbit SDRAM. The BIOS should test the memory to
determine whether it supports 2 or 4 internal banks.
1 = 8Mbit, 2 internal bank SGRAM.
Although a 10K
Ω resistor is used to strap the default state of this bit in RIVA 128 and RIVA128ZX
reference designs, it is ignored by the video BIOS which auto-detects the memory type and con-
figures the RIVA128ZX appropriately.
[1]
Sub-Vendor. This bit indicates whether the PCI Subsystem Vendor field is located in the system
motherboard BIOS or adapter card VGA BIOS. If the Subsystem Vendor field is located in the sys-
tem BIOS it must be written by the system BIOS to the PCI configuration space prior to running
any PnP code.
0 = System BIOS (Subsystem Vendor ID and Subsystem ID set to 0x0000)
1 = Adapter card VGA BIOS (Subsystem Vendor ID and Subsystem ID read from ROM BIOS at
location 0x54 - 0x57)
[0]
Bus Speed. This bit indicates the value returned in the 66MHz bit in the PCI Configuration regis-
ters.
0 = RIVA128ZX PCI interface is 33MHz
1 = RIVA128ZX is 66MHz capable
The following example configuration is shown in Figure 65:
• Subsystem Vendor ID initialized to 0 and writeable by system BIOS (see Appendix A, page 76)
• 8Mbit, 2 internal bank, SGRAM
• 128-bit framebuffer interface
• AGP 2X mode enabled including 66MHz PCI 2.1 compliant subset
• Using 13.5000MHz crystal
• TV output mode is NTSC
Figure 65.
Example motherboard configuration
10K
Ω
RIVA128ZX
FBA[1
]
FBA[2]
FBA[3]
SGRAM
array
VDD (3.3V)
FBA[4]
FBA[5]
FBA[8]
FBA[6]
FBA[7]
FBA[0
]
FBA[9]
FBA[10]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com