Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 80 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 80 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 76Page - STMicroelectronics RIVA128ZX Datasheet HTML 77Page - STMicroelectronics RIVA128ZX Datasheet HTML 78Page - STMicroelectronics RIVA128ZX Datasheet HTML 79Page - STMicroelectronics RIVA128ZX Datasheet HTML 80Page - STMicroelectronics RIVA128ZX Datasheet HTML 81Page - STMicroelectronics RIVA128ZX Datasheet HTML 82Page - STMicroelectronics RIVA128ZX Datasheet HTML 83Page - STMicroelectronics RIVA128ZX Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
80/85
Byte offsets 0x43 - 0x40
Writeable Subsystem Vendor ID (0x43 - 0x40)
Byte offsets 0x47 - 0x44
Capabilities Identifier Register (Offset = 0x47 - 0x44 = CAP_PTR)
0x43
0x42
0x41
0x40
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543
210
Bits
Function
RW I
31:16
This SUBSYSTEM_ID field is aliased at 0x2F - 0x2E where it is read-only. It
may be modified by System BIOS for systems which do not have a ROM on
the RIVA128ZX data pins. This will ensure valid data before enumeration by
the operating system.
RW 0
15:0
This SUB_VENDOR_ID field is aliased at 0x2D - 0x2C where it is read-only. It
may be modified by System BIOS for systems which do not have a ROM on
the RIVA128ZX data pins. This will ensure valid data before enumeration by
the operating system.
RW 0
0x47
0x46
0x45
0x44
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543
210
Bits
Function
RW I
31:24
Reserved = 0x00
R - 0
23:20
This field indicates the Major revision number of the AGP specification that
the RIVA128ZX conforms to.
= 0x01
R - 0x01
19:16
This field indicates the Minor revision number of the AGP specification that
the RIVA128ZX conforms to.
= 0x00
R - 0x00
15:8
NEXT_PTR contains the pointer to the next item in the capabilities list. This is
the last entry in the capabilities list, hence it contains a null pointer = 0x00.
R - 0x00
7:0
The CAP_ID field identifies the type of capability.
AGP = 0x02
R - 0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com