Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 79 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 79 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 75Page - STMicroelectronics RIVA128ZX Datasheet HTML 76Page - STMicroelectronics RIVA128ZX Datasheet HTML 77Page - STMicroelectronics RIVA128ZX Datasheet HTML 78Page - STMicroelectronics RIVA128ZX Datasheet HTML 79Page - STMicroelectronics RIVA128ZX Datasheet HTML 80Page - STMicroelectronics RIVA128ZX Datasheet HTML 81Page - STMicroelectronics RIVA128ZX Datasheet HTML 82Page - STMicroelectronics RIVA128ZX Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
79/85
Byte offset 0x3F - 0x3C
MAX_LAT Register (0x3F
)
MIN_GNT Register (0x3E)
Interrupt Pin Register (0x3D)
Interrupt Line Register (0x3C)
0x3F
0x3E
0x3D
0x3C
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543
210
Bits
Function
RW I
31:24
The MAX_LAT bits contain the maximum time the RIVA128ZX requires to
gain access to the PCI bus. This read-only register is used to specify the
RIVA128ZX’s desired settings for Latency Timer values. The value specifies a
period of time in units of 250ns.
1=250ns
R- 1
Bits
Function
RW I
23:16
The MIN_GNT bits contain the length of the burst period the RIVA128ZX
needs, assuming a clock rate of 33MHz. This read-only register is used to
specify the RIVA128ZX’s desired settings for Latency Timer values. The value
specifies a period of time in units of 250ns.
3=750ns
R- 3
Bits
Function
RW I
15:8
The INTERRUPT_PIN bits contain the interrupt pin the device (or device func-
tion) uses. A value of 1 corresponds to INTA#.
R- 1
Bits
Function
RW I
7:0
The INTERRUPT_LINE bits contain the interrupt routing information. POST
software will write the routing information into this register as it initializes and
configures the system. The value in this field indicates which input of the sys-
tem interrupt controller(s) the RIVA128ZX’s interrupt pin is connected to.
Device drivers and operating systems can use this information to determine
priority and vector information. INTERRUPT_LINE is initialized to 0xFF (no
connection) at reset.
0=Interrupt line IRQ0
1=Interrupt line IRQ1
0xF=Interrupt line IRQ15
0xFF=No interrupt line connection (reset value)
R W 0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com