Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 33 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 29Page - STMicroelectronics RIVA128ZX Datasheet HTML 30Page - STMicroelectronics RIVA128ZX Datasheet HTML 31Page - STMicroelectronics RIVA128ZX Datasheet HTML 32Page - STMicroelectronics RIVA128ZX Datasheet HTML 33Page - STMicroelectronics RIVA128ZX Datasheet HTML 34Page - STMicroelectronics RIVA128ZX Datasheet HTML 35Page - STMicroelectronics RIVA128ZX Datasheet HTML 36Page - STMicroelectronics RIVA128ZX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
33/85
Figure 30.
4 MByte SGRAM configurations using 16Mbit devices
NOTE
1
The 64-bit bus data paths populated by RIVA128ZX are determined by the BIOS during its boot memory detection se-
quence.
FBD[127:0]
FBDQM[0]#
FBDQM[1]#
FBD[31:0]
FBD[95:64]
FBDQM[2]#
FBDQM[3]#
FBDQM[8]#
FBDQM[9]#
FBDQM[10]#
FBDQM[11]#
FBCS[0]#
FBCLK0
FBCS[1]#
FBCLK0
b. Compatible with RIVA128ZX layout
implementing SO-DIMM upgrade to 8Mbytes
FBD[127:0]
FBDQM[0]#
FBDQM[1]#
Bank 0
512K
×32
SGRAM
FBD[31:0]
FBD[63:32]
FBDQM[2]#
FBDQM[3]#
FBDQM[4]#
FBDQM[5]#
FBDQM[6]#
FBDQM[7]#
FBCS[0]#
FBCLK0
FBCS[0]#
FBCLK1
a. RIVA 128 layout compatible
Bank 1
512K
×32
SGRAM
Bank 0
512K
×32
SGRAM
Bank 2
512K
×32
SGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com