Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 32 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 32 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 28Page - STMicroelectronics RIVA128ZX Datasheet HTML 29Page - STMicroelectronics RIVA128ZX Datasheet HTML 30Page - STMicroelectronics RIVA128ZX Datasheet HTML 31Page - STMicroelectronics RIVA128ZX Datasheet HTML 32Page - STMicroelectronics RIVA128ZX Datasheet HTML 33Page - STMicroelectronics RIVA128ZX Datasheet HTML 34Page - STMicroelectronics RIVA128ZX Datasheet HTML 35Page - STMicroelectronics RIVA128ZX Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
32/85
6.2
SGRAM INTERFACE
Signal changes between RIVA 128 and RIVA128ZX
The extra address signal (FBA[10]) required to address 16Mbit SGRAM devices was defined on RIVA 128
and was connected to pin 30 of the SGRAM in the RIVA 128 Reference Design schematics. This pin is a
N/C on 8Mbit memory devices and it was also N/C on RIVA 128. For 8MByte designs using 8Mbit devices;
FBCS0# drives the chip selects for the first external bank of memory and FBCS1# drives the second ex-
ternal bank.
The ROM BIOS implements code which automatically detects the configuration and memory type. If a mix-
ture of 4-internal bank and 2-internal bank 16Mbit devices are used (e.g. 2 soldered down and 2 added by
an end user as an SO-DIMM) then RIVA128ZX will program those devices and operate itself as 2-internal
bank. There is no support for mixed 16Mbit and 8Mbit memories (i.e. there is no 6MByte mode) nor is there
support for 16MByte using eight 16Mbit devices. The upgrade path from two devices to four devices has
also been changed to better accommodate board layout for SO-DIMMs. As shown in Figure 29, the first
two memories installed are on the left side of the chip and the upgrade is on the right hand side. This is
different to RIVA 128 which populated the top two chips first and then populated the lower (far left and far
right) memories as the upgrade. Both forms of 64-bit bus are supported in RIVA128ZX and the data paths
populated are determined by the BIOS during its boot memory detection sequence.
Figure 29.
Upgrade from 64-bit 4MByte to 128-bit 8MByte SGRAM via SO-DIMM
RIVA128ZX
FBD[31:0]
FBD[95:64]
Bank 2
512K
x32
FBD[63:32]
FBD[127:96]
Upgrade to
8MByte via
SO-DIMM
First two
memories
installed
Bank 0
512K
x32
Bank 1
512K
x32
Bank 3
512K
x32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com