Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 38 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 34Page - STMicroelectronics RIVA128ZX Datasheet HTML 35Page - STMicroelectronics RIVA128ZX Datasheet HTML 36Page - STMicroelectronics RIVA128ZX Datasheet HTML 37Page - STMicroelectronics RIVA128ZX Datasheet HTML 38Page - STMicroelectronics RIVA128ZX Datasheet HTML 39Page - STMicroelectronics RIVA128ZX Datasheet HTML 40Page - STMicroelectronics RIVA128ZX Datasheet HTML 41Page - STMicroelectronics RIVA128ZX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
38/85
Figure 34.
SDRAM/SGRAM random read accesses within a page, read latency of two1
NOTE
1
Covers either successive reads to the active row in a given bank, or to the active rows in different banks. DQMs are all
active (LOW).
Figure 35.
SDRAM/SGRAM random read accesses within a page, read latency of three1
NOTE
1
Covers either successive reads to the active row in a given bank, or to the active rows in different banks. FBDQM is all
active (LOW).
Figure 36.
SDRAM/SGRAM read to write, read latency of three
tDH
Write data hold time
1
1
-
ns
tOH
Read data hold time
3
3
-
ns
tAC
Read data access time
9
9
-
ns
tLZ
Data out low impedance time
0
0
-
ns
Symbol
Parameter
Min.
Max.
Unit
Notes
-10
-12
-10
-12
read
read
read
data n
data a
read
nop
nop
bank, col n bank, col a bank, col x bank, col m
data x
data m
FBCLKx
Command
FBA[10:0]
FBD[63:0]
read
read
read
data n
read
nop
nop
bank, col n bank, col a bank, col x bank, col m
data a
data x
data m
nop
FBCLKx
Command
FBA[10:0]
FBD[63:0]
tHZ
tDS
read
nop
nop
read data n
nop
write
bank, col n
write data b
bank, col b
FBCLKx
TDDQM
Command
FBA[10:0]
FBD[63:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com