Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 14Page - STMicroelectronics ST52T301 Datasheet HTML 15Page - STMicroelectronics ST52T301 Datasheet HTML 16Page - STMicroelectronics ST52T301 Datasheet HTML 17Page - STMicroelectronics ST52T301 Datasheet HTML 18Page - STMicroelectronics ST52T301 Datasheet HTML 19Page - STMicroelectronics ST52T301 Datasheet HTML 20Page - STMicroelectronics ST52T301 Datasheet HTML 21Page - STMicroelectronics ST52T301 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
Example 1:
IF Input1 IS NOT Mbf1 AND Input4 is Mbf12 OR Input3 IS Mbf8 THEN Crisp1
is codified by the following instructions
LDN 1 1
calculates the NOT
α value of Input1 with Mbf1 and stores the result in the data stack
LDP 4 12
fixes the
α value of Input4 with M12 and stores the result in the data stack
FZAND
adds the NOT
α and α values obtained with the operations LDN1 1 and LDP 4 12
LDK
stores the result of the operation FZAND in the data stack
LDP 3 8
fixes the
α value of Input3 with Mbf8 and stores the result in the data stack
FZOR
implements the operation OR between the results obtained with the operations LDK
and LDP
CON crisp1
multiplies the result of the last
Ω operation with the crisp value Crisp1
Example 2, the priority of the operator is fixed by the brakets:
IF (Input3 IS Mbf1 AND Input4 IS NOT Mbf15) OR (Input1 IS Mbf6 OR Input6IS NOT Mbf14) THEN Crisp2
LDP 3 1
fixes the
α value of Input3 with Mbf1 and stores the result in the data stack
LDN 4 15
calculates the NOT
α value of Input4 with Mbf15 and stores the result in the data
stack
FZAND
adds NOT
α and α values obtained with the operations LDP 3 1 and LDN 4 15
SKM
stores the result of the operation FZAND in the memory register M
LDP 1 6
fixes the
α value of Input1 with Mbf6 and stores the result in the data stack
LDN 2 14
calculates the NOT
α value of Input6 with Mbf14 and stores the result in the data
stack
FZOR
implements the operation OR between the
α and NOT α values obtained with the
two previous operations (LDP 1 6 and LDN 2 14)
LDK
stores the result of the operation OR in the data stack
LDM
copies the value of the memory register M in the data stack
FZOR
implements the operation OR between the last two values stored in the data stack
(LDK and LDM)
CON crips2
multiplies the result of the last
Ω operation with the crisp value Crip2
At the end of the fuzzy rules set a byte, to identify
the output involved in the rules, and the STOP
istruction must be inserted.
When the STOP instruction is performed, the
control of the algorithm goes back to the CU.
18/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com