Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 44Page - STMicroelectronics ST52T301 Datasheet HTML 45Page - STMicroelectronics ST52T301 Datasheet HTML 46Page - STMicroelectronics ST52T301 Datasheet HTML 47Page - STMicroelectronics ST52T301 Datasheet HTML 48Page - STMicroelectronics ST52T301 Datasheet HTML 49Page - STMicroelectronics ST52T301 Datasheet HTML 50Page - STMicroelectronics ST52T301 Datasheet HTML 51Page - STMicroelectronics ST52T301 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
10.2 BURST MODE
When REG_CONF10 (3:2) bits, MODE, are ”10”
the peripheral is programmed to work in BURST
MODE.
Notice that when you are working in Burst mode
CKSL must be set to ”1x”. (see Table 10.4)
A square wave, Tb, is generated with a duty cycle
proportional to the power the user intends to
transfer on the load. A pulse is generated for each
zero crossing of the main voltage included in the
Ton of the fixed period. Figure 10.4 shows the
typical Burst Control working mode.The period T of
the signal Tb (see Figure 10.4) is equal to 256*Tck.
The signal Tck is generatedprogrammingthe 16-bit
Prescaler, by REG_CONF8 and REG_CONF9
(see Figure 10.2). Tck is equal to the main voltage
frequency (50 or 60 Hz) divided by N+1, where N
value is from 0 to 216-1.
The value Ton is prop or tional to a value,
INIT_VALUE, that can be a fuzzy output or a value
coming from Register File, according with the
I N PS L and F Z S L c onf ig ur at ion bit s of
REG_CONF12 (see Table 10.6 and Figure 10.12).
On TRIACOUT pin is generated a sequence of
pulses, programmed, by using REG_CONF11(0)
bit, POL (see Table 10.5), in order to be positive or
negative, to drive the Triac in different quadrants.
The number of generated pulses, N_PULSES, is:
N_PULSES = 2 [(N+1)*INIT_VALUE - N]
where N is the value stored in the 16-bit pescaler.
Then Ton = (N_PULSES / 2)* TPOWER LINE
The first pulse is obtained during the first zero
crossing of the main voltage and the last one is
genera ted after INIT_VALUE*Tck clock pulses,
where Tck is the Prescaler output, generated by
using the main voltage frequencyapplied to MAIN1
and MAIN2 pins.
The peripheral can be programmed in order to work
with 50 or 60 Hz main voltage frequency, by setting
the REG_CONF10(6) bit, PSF (see Table 10.4).
Ranges of the Tb signal period depend on the
power line frequency (see Table 10.3).
In order to drive a Triac in Burst Mode it is required
to generate a sequence of pulse, that must be
centred on the zero crossing of the power line as
shown in the Figure 10.7. For this reason, the pre
zero crossing and the post zero crossing of the
power line must be detected.
To detect the zero-crossing and get also the main
voltage frequency, the user must generate MAIN1
and MAIN2 signals, by using the circuit shown in
Figure 10.6.
MAIN1 and MAIN2 signals are used in the block
called PULSE GENERATOR of the peripheral (see
Figure 10.1).
In particular the pulses are generated by using the
rise edge of the signal MAIN1 and the falling edge
of the signal MAIN2.
Figure 10.5 shows the generation of the Triac
pulses Tp .
The first firing pulse for the Triac is generated on
the zero crossing of the power line, while the next
pulses are centred on the zero crossing.
Power Line
Frequency
T
min
max
50 Hz
5.12 s
335544 s
60 Hz
4.26 s
279620 s
Table 10.3. TRIACOUT Signal Period
-1.5
-1
-0.5
0
0.5
1
1.5
Ton
Tb
Power
Line
TRIACOUT
T = 256 * Tck
Figure 10.4. Burst Working Mode
48/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com