Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 24Page - STMicroelectronics ST52T301 Datasheet HTML 25Page - STMicroelectronics ST52T301 Datasheet HTML 26Page - STMicroelectronics ST52T301 Datasheet HTML 27Page - STMicroelectronics ST52T301 Datasheet HTML 28Page - STMicroelectronics ST52T301 Datasheet HTML 29Page - STMicroelectronics ST52T301 Datasheet HTML 30Page - STMicroelectronics ST52T301 Datasheet HTML 31Page - STMicroelectronics ST52T301 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
6. A/D CONVERTER
The A/D Converter of ST52x301 is an 8-bit analog
to digital converter with up to 4 analog inputs
offering 8 bit resolution with a total accuracy of 2
LSB and a typical conversion time of 32
µs.
The conversion range is 0 - 2.5 V.
The A/D peripheral converts the input voltage with
a process of successive approximations using a
fixed clock frequency derived from the oscillator.
The ADC uses 5 registers: one Configuration
Register, REG_CONF2, and four Data Registers.
These 4 registers are the first 4 Input Registers.
The A/D converter drives the analog Multiplexer in
order to sequentially pick up the external inputs to
be put in output and stored automatically in 4 8-bit
registers.
It is possibile to configurethe Multiplexer by means
of the register REG_CONF2, in order to select the
number of analog inputs to convert.
For example, if the bit 3 and bit 2 of REG_CONF2
are configured at 10, then the Multiplexer will
sequentially pick up only the inputs 0,1 and 2.
Tab le 6.1 shows the conver tion sequences
according to the possible values of the two bit
REG_CONF2 (3:2).
The A/D Converter, at the end of the conversion,
will send a signal (end-of-conversion)which can be
used like an interrupt signal. The user can select
the priority of the A/D interrupt and mask it (see
”Interrupt Routine” chapter)
Th e
co nve rs io n
s ta r t s
w rit i ng
”1”
on
REG_CONF2(0). The A/D is reset by writing ”0” in
REG_CONF2(0).
The converted data are automaticallystored in four
8-bit Input Registers.
By performing an instruction:
LDRI regj ingi
the analog input ”ingi” is loaded in the register”regj”
of the Register File.
Figure 6.1. A/D Converter Structure
CONF_REG2 (3:2)
INPUT SEQUENCE
00
Ain0
01
Ain 0, Ain1
10
Ain 0, Ain 1, Ain 2
11
Ain 0, Ain 1, Ain 2, Ain 3
Table 6.1.
28/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com