Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 36Page - STMicroelectronics ST52T301 Datasheet HTML 37Page - STMicroelectronics ST52T301 Datasheet HTML 38Page - STMicroelectronics ST52T301 Datasheet HTML 39Page - STMicroelectronics ST52T301 Datasheet HTML 40Page - STMicroelectronics ST52T301 Datasheet HTML 41Page - STMicroelectronics ST52T301 Datasheet HTML 42Page - STMicroelectronics ST52T301 Datasheet HTML 43Page - STMicroelectronics ST52T301 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
It means that each LDPR instruction deletesthe old
value contained in the parallel port stack register
and rewrite a newvalue on the same stack register.
Only the last LDPR instruction is executed if the
READY signal is maintained high during several
LDRP instructions.
Bit
Name
Value
Description
0P8
-
Digital Output Bit
1
ECKF
00
5 MHz
01
10 MHz
2
10
20 MHz
11
20 MHz
3
TXC
0
SCI End Transmission
Interrupt Disabled
1
SCI End Transmission
Interrupt Enabled
4
TDRE
0
SCI Transmission Data
Register Empty Interrupt
Disabled
1
SCI Transmission Data
Register Empty Interrupt
Enabled
5
BRK
0
SCI Break Error Interrupt
Disabled
1
SCI Break Error Interrupt
Enabled
6
OVR
0
SCI Overrun Error Interrupt
Disabled
1
SCI Overrun Error Interrupt
Enabled
7
RDRF
0
SCI Received Data Register
Full Interrupt Disabled
1
SCI Received Data Register
FullInterrupt Enabled
Table 8.2 Configuration Register 1 Setting
Figure 8.8.
40/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com