Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 48Page - STMicroelectronics ST52T301 Datasheet HTML 49Page - STMicroelectronics ST52T301 Datasheet HTML 50Page - STMicroelectronics ST52T301 Datasheet HTML 51Page - STMicroelectronics ST52T301 Datasheet HTML 52Page - STMicroelectronics ST52T301 Datasheet HTML 53Page - STMicroelectronics ST52T301 Datasheet HTML 54Page - STMicroelectronics ST52T301 Datasheet HTML 55Page - STMicroelectronics ST52T301 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
Bit
Name
Value
Description
0
TCRST
0
Triac Reset
1
Triac Set
1
TCST
0
Triac Stop
1
Triac Start
2
MODE
00
not used
01
PWM signal Generator
3
10
Burst Mode
(1)
11
Phase Partialization
4
CKSL
00
Clock Master
01
External Clock on MAIN1
51x
Main Voltage Frequency
6
PSF
0
Main Power at 50 Hz
1
Main Power at 60 Hz
7
IOSL
0
MAIN2 Input pin
1
MAIN2 Output pin
Note:
(1) CKSL must be set to ”1x”
Table 10.4 Configuration Register 10 Description
Bit
Name
Value
Description
0
POL
0
Output pulse Polarity =
positive
1
Output pulse Polarity =
negative
1
TCTRS
0
TRIACOUT status = Tristate
1
TRIACOUT status = Enabled
2
TCMSK
Masking time
=(2^TCMSK*200 +100) nS.
TCMSK=0
→Masking time=0
3
4
5
6
INTSL
00
No Interrupt source selected
01
Interrupt on falling edge of
the TRIAC/PWM signal, or of
the Main Voltage
7
10
Interrupt on rising edge of
the TRIAC/PWM signal, or of
the Main Voltage
11
Interrupt on both of edges of
the TRIAC/PWM signa,l or of
the Main Voltage
Table 10.5 Configuration Register 11 Description
Bit
Name
Value
Description
0
÷ 5
UTPMSB
Output Impulse Width most
significative bits
6
INPSL
0
TRIAC/PWM Input from
Fuzzy Output
1
TRIAC/PWM Input from
Register File
7
FZSL
0
TRIAC/PWM Input from
Fuzzy Output 1
1
TRIAC/PWM Input from
Fuzzy Output 2
Table 10.6. Configuration Register 12 Description
It is possible SET or RESET the TRIAC/PWM
Peripheral by using the REG_CONF10(0) bit,
TCRST (see Table 10.4).
If TRIAC/PWM Peripheral is SET, It is possible
START or STOP it, by using the REG_CONF10(1)
bit, TCST (see Table 10.4), to start or stop the
internal counter without resetting it.
It is possible to enablethe TRIACOUT, byusing the
REG_CONF11(0) bit, TCTRS (see Table 10.5 and
Figure 10.11).
IF TCTRS is 0 the TRIAC/PWM Peripheral output
is in tristate status.
52/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com