Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 42Page - STMicroelectronics ST52T301 Datasheet HTML 43Page - STMicroelectronics ST52T301 Datasheet HTML 44Page - STMicroelectronics ST52T301 Datasheet HTML 45Page - STMicroelectronics ST52T301 Datasheet HTML 46Page - STMicroelectronics ST52T301 Datasheet HTML 47Page - STMicroelectronics ST52T301 Datasheet HTML 48Page - STMicroelectronics ST52T301 Datasheet HTML 49Page - STMicroelectronics ST52T301 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF8
TRIAC / PWM
TCLSB - Prescaler init value
Least Significative Bits
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF9
TRIAC / PWM
TCMSB - Prescaler init value
Most Significative Bits
Figure 10.2. TRIAC/PWM Configuration Register 8 and 9
The PWM period can be generated, internally, by
dividing the master clock or, externally, by using an
external clock signal.
In both cases, the clock signal is divided by a 16-bit
Prescaler, managed by REG_CONF8 an d
REG_CONF9 (see Figure 10.2).
The duty cycle is fixed by a value, that can be either
the output of a fuzzy inference or the result of an
arithmetic calculus. In the first case, it can be
loaded directly in the register of the peripheral,
otherwise it can be stored in one location of the
Register File for further manipulations and then
used for the control of the PWM.
Burst Mode
It is based on turning on and off the TRIAC, for a
fixed integer number of main voltage periods, in
order to control the power transferred to the load.
For this reason a Burst Mode TRIAC control
consists of a signal, with a period, T, containing an
integer number of the main voltage periods, whose
duty cycle is proportional to the number of periods
in which the TRIAC is ON (Duty Cycle). This kind of
Triac control is mainly used for thermal regulation.
The duty cycle is fixed by a valuethat can be directly
the output of a fuzzy inference or the result of an
arithmetic calculus.
In order to work in Burst mode, it is necessary to
detect the pre-post zero-crossing of main voltage,
by using an external inserting circuitry.
The user can define the period T, by means of the
internal 16-bit prescaler, setting REG_CONF8 and
REG_CONF9 (see Figure 10.2).T is proportional to
the main voltage period, it is in the range 0 to 21.8
sec (if the main frequency is 50Hz).
The width and the polarity of the pulses can be
programmed according to the Triac and the circuit
characteristics.
Phase Angle Partialization Mode
This method is based on turning on the TRIAC only
for a part (phase angle) of each main voltage
period. When the phase angle is large the energy
(power) supplied to the load is low, viceversa, when
the phase angle is small the energy supplied to the
load is high.
The phase angle can be fixed by a fuzzy algorithm
or by a value stored in the Register File.
The phase angle is an 8-bit value.
The peripheral is programmable in order to work
with a main voltage frequency of 50 or 60 Hz.
46/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com