Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 22Page - STMicroelectronics ST52T301 Datasheet HTML 23Page - STMicroelectronics ST52T301 Datasheet HTML 24Page - STMicroelectronics ST52T301 Datasheet HTML 25Page - STMicroelectronics ST52T301 Datasheet HTML 26Page - STMicroelectronics ST52T301 Datasheet HTML 27Page - STMicroelectronics ST52T301 Datasheet HTML 28Page - STMicroelectronics ST52T301 Datasheet HTML 29Page - STMicroelectronics ST52T301 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
i.e. LDCF 15, 201 (REG_CONF15=11001001)
define the following priority levels:
Level 1: INT_SCI(SCI Code: 01)
Level 2: INT_TIMER(TIMER Code: 10)
Level 3: INT_ADC(ADC Code: 00)
Level 4: INT_TRIAC(TRIAC Code: 11)
When a source provides an Interrupt request, and
the request processing is also enabled, the CU
changes the normal sequential flow of a program
by transfering programcontrol to a selected service
routine.
When an interrupt occurs the CU executes a JUMP
instruction to the address loaded in the related
location of the Interrupt Vector
When the execution returns to the original program,
it begins immediately following the interrupte d
instruction.
4.6 Interrupt RESET
An eventually pending interrupts can be reset with
the instruction RINT inti which resets the
i-th
interrupt
Bit
Name
Value
Level
0, 1
INT1
Peripheral
Code
High
2, 3
INT2
Peripheral
Code
Medium-High
4, 5
INT3
Peripheral
Code
Medium-Low
6, 7
INT4
Peripheral
Code
Low
Table 4.3. Configuration Register 15 Description
Figure 4.6. Example of a Sequence of Interrupt Requests
26/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com