Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 20Page - STMicroelectronics ST52T301 Datasheet HTML 21Page - STMicroelectronics ST52T301 Datasheet HTML 22Page - STMicroelectronics ST52T301 Datasheet HTML 23Page - STMicroelectronics ST52T301 Datasheet HTML 24Page - STMicroelectronics ST52T301 Datasheet HTML 25Page - STMicroelectronics ST52T301 Datasheet HTML 26Page - STMicroelectronics ST52T301 Datasheet HTML 27Page - STMicroelectronics ST52T301 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
4.3 Interrupt Sources
ST52x301manages interrupt signals generated by
the internal peripherals (Timer, Triac/PWM
Driver,Analog to Digital Converter and Serial
Communication Port) or coming from the INT pin.
Th e polar it y of t he Ext er n al I nt er rupt is
programmed by the EXTI bit of the REG_CONF14
(see Table 4.1 and fig. 4.4). EXTI=0 means that
INT_EXT is active on rising edge, otherwise it is
active on falling edge.
Each peripheral can be programmed in order to
generate the associate interrupt;further detailsare
described in the related chapter.
4.4 Interrupt Maskability
The interrupts can be masked by configuring the
REG_CONF14. The interrupt is enabled when the
bit associated to the mask interrupt is ”1”.
Viceversa, when the bit is ”0”, the interrupt is
masked and is kept pendent.
For example LDCF 14, 6
(CONF_REG14 =00000110) enables interrupts
coming from the ADC (INT_ADC) and from the SCI
(INT_SCI).
4.5 Interrupt Priority
Six priority levels are available: level 5 has the
lowest priority, level 0 has the highest priority.
Level 5 is associated to the Main Program, levels 4
to 1 are programmable by means of the priority
register called REG_CONF15 (see fig.4.5);
whereas the higher level is related to the external
interrupt (INT_EXT).
Timer, Triac/PWM Driver, SCI and ADC are
identified by a two bits Peripheral Code (see Table
4.2); in order to set the
i-th priority level the user
must write the peripheral label
i in the related INTi
priority level.
Bit
Name
Value
Description
0
MSKE
0
External Interrupt
Masked
1
External Interrupt
Not Masked
1
MSKAD
0
A/D Converter Interrupt
Masked
1
A/D Converter Interrupt
Not Masked
2
MSKSCI
0
SCI Interrupt
Masked
1
SCI Interrupt
Not Masked
3
MSKTM
0
TIMER Interrupt
Masked
1
TIMER Interrupt
Not Masked
4
MSKTC
0
TRIAC/ PWM Interrupt
Masked
1
TRIAC/ PWM Interrupt
Not Masked
5
not used
-
6
not used
-
7
EXTI
0
Active on Rising Edge
1
Active on Falling Edge
Table 4.1. Configuration Register 14 Description
Name
Description
Priority
Peripheral
Code
Maskable
EPROM
Locations
INT_EXT
External Interrupt (INT)
Ext
Highest
-
yes
200-201
INT_ADC
ADC
Int
Programmable
00
yes
192-193
INT_SCI
SCI
Int
Programmable
01
yes
194-195
INT_TIMER
TIMER
Int
Programmable
10
yes
196-197
INT_TRIAC
TRIAC
Int
Programmable
11
yes
198-199
Table 4.2. Interrupts Description
24/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com