Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 52Page - STMicroelectronics ST52T301 Datasheet HTML 53Page - STMicroelectronics ST52T301 Datasheet HTML 54Page - STMicroelectronics ST52T301 Datasheet HTML 55Page - STMicroelectronics ST52T301 Datasheet HTML 56Page - STMicroelectronics ST52T301 Datasheet HTML 57Page - STMicroelectronics ST52T301 Datasheet HTML 58Page - STMicroelectronics ST52T301 Datasheet HTML 59Page - STMicroelectronics ST52T301 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
TTL type Schmitt trig. Low Level Input
Voltage
VDD =4.75 V
see fig.11.6
0.7
V
CMOS type Schmitt trig. Low Level Input
Voltage
VDD =4.75 V
see fig.11.7
1.2
V
VIH
TTL type Schmitt trig. High Level Input
Voltage
VDD =5.25 V
see fig.11.6
2V
CMOS type Schmitt trig. High Level Input
Voltage
VDD =5.25 V
see fig.11.7
3.5
V
VOL
Standard Low Level Output Voltage
IOL =4mA
0.4
V
TRIACOUT Low Level Output Voltage
IOL =50mA
2
V
VOH
Standard High Level Output Voltage
(1)
IOL =-4mA
VDD-0.5
V
TRIACOUT High Level Output Voltage
(1)
IOL =50mA
VDD-2
V
VHys
TTL type Schmitt trig. Hysteresis Voltage
see fig. 11.6
1.2
V
CMOS type Schmitt trig. Hysteresis Voltage
see fig. 11.7
2.0
V
IIL
Low Level Leakage Input Current
VI=VSS
-1
µA
IIH
High Level Leakage Input Current
VI=VDD
+4
µA
IOL
Tri-State Output Leakage Current
VO=VSS or VDD
±10
mA
IDD
Supply Current in RESET mode
VPP connected with
VDD;
VRESET =VSS
FOSC= 10 MHz
11
mA
Supply Current in RUN mode
VPP connected with
VDD;
FOSC= 10 MHz
11
mA
IDDA
Analog Supply Current in RESET mode
VPP connected with
VDD;
VRESET =VSS
FOSC= 10 MHz
3mA
Analog Supply Current in RUN mode
VPP connected with
VDD;
FOSC= 10 MHz
10
mA
Table 11.3 DC Electrical Characteristics
DC ELECTRICAL CHARACTERISTICS
(Operating Condition: VDD=5V
±5%-TA=0 °Cto 85 °C, unless otherwise specified)
56/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com