Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 33Page - STMicroelectronics ST52T301 Datasheet HTML 34Page - STMicroelectronics ST52T301 Datasheet HTML 35Page - STMicroelectronics ST52T301 Datasheet HTML 36Page - STMicroelectronics ST52T301 Datasheet HTML 37Page - STMicroelectronics ST52T301 Datasheet HTML 38Page - STMicroelectronics ST52T301 Datasheet HTML 39Page - STMicroelectronics ST52T301 Datasheet HTML 40Page - STMicroelectronics ST52T301 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
8.1 I/O PORT CONFIGURATION
REG_CONF0 allows dynamic change in I/O Port
configuration during program execution setting the
communication direction of each bit.
IOi
setting equal to ”0” configures the i-th bit
of the P(0:7) I/O Port in input. Data com-
ing from external digital devices are
stored in the 6-th location (INP_PORT)of
the Input register bench.
IOi=”1” sets the
i-th bit of the port in
output. Data stored in the i-th location of
the Register File is written on the port by
using the instruction:
LDPR 2, regi
Bit
Name
Value
Description
0
IO0
0
Input Pin
1
Output Pin
1
IO1
0
Input Pin
1
Output Pin
2
IO2
0
Input Pin
1
Output Pin
3
IO3
0
Input Pin
1
Output Pin
4
IO4
0
Input Pin
1
Output Pin
5
IO5
0
Input Pin
1
Output Pin
6
IO6
0
Input Pin
1
Output Pin
7
IO7
0
Input Pin
1
Output Pin
Table 8.1. Configuration Register 0 Setting
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF0
I/O Port
IO0
- I/O Communication Direction Bit
IO1
- I/O Communication Direction Bit
IO2
- I/O Communication Direction Bit
IO3
- I/O Communication Direction Bit
IO4
- I/O Communication Direction Bit
IO5
- I/O Communication Direction Bit
IO6
- I/O Communication Direction Bit
IO7
- I/O Communication Direction Bit
Figure 8.3. Configuration Register 0
37/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com