Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 43Page - STMicroelectronics ST52T301 Datasheet HTML 44Page - STMicroelectronics ST52T301 Datasheet HTML 45Page - STMicroelectronics ST52T301 Datasheet HTML 46Page - STMicroelectronics ST52T301 Datasheet HTML 47Page - STMicroelectronics ST52T301 Datasheet HTML 48Page - STMicroelectronics ST52T301 Datasheet HTML 49Page - STMicroelectronics ST52T301 Datasheet HTML 50Page - STMicroelectronics ST52T301 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
10.1 PWM GENERATOR WORKING MODE
When REG_CONF10 (3:2) bits, MODE, are ”01”,
the peripheral is programmed to work in PWM
Mode.
By using the 16-bit prescaler, the PWM period can
be generated by dividing the internal master clock,
or an external clock signal applied on the pin
MAIN1, or the main voltage frequency, by using the
circuit shown in Figure 10.6.
NOTE: The external clock signal, applied on
MAIN1 pin, must have a frequency at least three
time smaller than the internal master clock.
The clock source can be selected by using
REG_CONF10(5:4)bits, CKSL (see Table 10.4 and
Figure 10.9). If the clock source selected is not the
main voltage frequency(CKSL=1x), MAIN2 pin can
be configured as input or output, by using
REG_CONF10(7) bit, IOSL (see Table 10.4).
If MAIN2 is an output, on this pin it is possible to
get the prescaler output signal Tck.
The period of the PWM signal is obtained by using
the following relation:
T=256*Tck
where Tck is the output of the 16-bit prescaler
managed by REG_CONF8 and REG_CONF9 (see
Figure 10.2).
NOTE. In PWM working mode, the value N,
stored in the 16-bit prescaler, must be in the
range from 2 to 216-1
By using a 20 MHz clock master it is possible to
obtain a PWM frequency in the range 1.2 Hz to
26.04 KHz.
The value Ton is prop or tional to a value,
INIT_VALUE, that can be a fuzzy output or a value
Value
Description
01
PWM Driver
10
Burst Mode Control
(1)
11
Phase Angle Control
Note:
(1) REG_CONF10(5) must be set to ”1”
Table 10.1. MODE - Triac/PWM Working Mode
Settings
MCLK
Frequency
1/
T
min
max
5 MHz
0.3Hz
6.51 kHz
10 MHz
0.6 Hz
13.02 kHz
20 MHz
1.2 Hz
26.04 kHz
Table 10.2. PWM Frequencies
T= 256 * Tck
Ton = INIT_VALUE* Tck
Toff
TRIACOUT
Figure 10.3. PWM Functionament
coming from Register File, according with the
I NPSL and F Z S L c onf i gu r at i on bit s of
REG_CONF12 (see Table 10.6 and Figure 10.12).
The Ton is equal to:
Ton= INIT_VALUE*Tck.
It means the Ton can be fixed by the control
algorithm that can be either the output of a fuzzy
inference or the result of an arithmetic calculus. In
the second case, the data, stored in the i-th location
of the Register File, can be loaded by using the
instruction:
LDPR 1, reg-i
.
If the INIT_VALUE is 255 the Toff is equal to Tck.
47/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com