Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 19Page - STMicroelectronics ST52T301 Datasheet HTML 20Page - STMicroelectronics ST52T301 Datasheet HTML 21Page - STMicroelectronics ST52T301 Datasheet HTML 22Page - STMicroelectronics ST52T301 Datasheet HTML 23Page - STMicroelectronics ST52T301 Datasheet HTML 24Page - STMicroelectronics ST52T301 Datasheet HTML 25Page - STMicroelectronics ST52T301 Datasheet HTML 26Page - STMicroelectronics ST52T301 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
4 INTERRUPTS
The Control Unit (CU) responds to peripheral
events and external events through its interrupt
channels.
When such an event occurs, if it is not masked and
according to a priority order, the current program
execution can be suspended to allow the CU to
execute a specific response routine.
Each interrupt is associated with an interrupt vector
that contains the memory address of the related
interrupt service routine. Each vector is located in
the Program Space (EPROM Memory) at a fixed
address (see Interrupt Vectors table fig. 4.2).
4.1 Interrupt Functionment
If, at the end of an arithmetic or logic instruction,
there are pending interrupts, the one with the
highest priority is passed. To pass an interrupt
means to store the arithmetic flags and the current
PC in the stack and execute the associated
Interrupt routine, whose address is located in one
of the EPROM memory location between address
192 and 201.
The Interruptroutine is performedas a normal code
checking, at the end of each instruction, if a higher
priority interrupt has to be passed. An Interrupt
request with the higher priority stops the lower
priority Interrupt. The Program Counter and the
arithmetic flags are stored in the stack.
With the instruction RETI (Return from Interrupt)
the arithmetic flags and Program Counter (PC) are
restored from the top of the stack.This stack, used
for the Interrupt priority, is a LIFO queue.
An Interrupt request cannot stop the processing of
the fuzzy rules but this is passed only after the
definitionof the fuzzy output or at the end of a logic
or arithmetic instruction.
4.2 Global Interrupt Request Enabling
When an Interrupt occurs, it generates a Global
Interrupt Pending (GIP), that can be hanged up by
software. After a GIP a Global Interrupt Request
(GIR) will be generate and Interrupt Service
Routine associated to the interrupt with higher
priority will start.
In order to avoid possible conflicts between
interrupt masking set in the main program or inside
macros, the GIP is hanged up through the User
Global Interrup Mask or the Macro Global Interrup
Mask (see fig.4.3).
UEGI/UDGI instruction switches on/off the User
Global Interrup Mask enabling/disablingthe GIR for
the main program.
MEGI/MDGI instructions set the Macro Global
Interrupt Mask in order to assure that the macro will
not be broken.
NORMAL
PROGRAM
FLOW
INTERRUPT
SERVICE
ROUTINE
RETI
INSTRUCTION
INTERRUPT
Figure 4.1. Interrupt Flow
Interrupt Vectors
INT_TIMER
198
196
200
199
197
195
194
193
192
191
INT_SCI
INT_ADC
INT_TRIAC
INT_EXT
202
201
Figure 4.2. Interrupt Vectors Mapping
Global Interrupt
Pending
User Global
Interrupt Mask
Macro Global
Interrupt Mask
Global Interrupt
Request
Figure 4.3. Global Interrupt Request generation
23/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com