Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 32Page - STMicroelectronics ST52T301 Datasheet HTML 33Page - STMicroelectronics ST52T301 Datasheet HTML 34Page - STMicroelectronics ST52T301 Datasheet HTML 35Page - STMicroelectronics ST52T301 Datasheet HTML 36Page - STMicroelectronics ST52T301 Datasheet HTML 37Page - STMicroelectronics ST52T301 Datasheet HTML 38Page - STMicroelectronics ST52T301 Datasheet HTML 39Page - STMicroelectronics ST52T301 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
8 I/O PORT
ST52x301 is provided with dedicated lines for
input/output.These lines, grouped into an 8-bit I/O
Port P(0:7), can be programmed to provide parallel
input/output with a handshake line (READY) to
carry data in/out.
The I/O Port is not able to perform operations on
the single bit, and the communication cannot be
performed at the same time in input and output.
It is possible to program the parallel port direction
by using the register REG_CONF0 in order to set
which bits are in input and which are in output.
T he
por t
has
an
i n t er nal
r egi st er
(PERIPH_REG_2) dedicated to hold output data
coming from the Register File through an LDPR
instruction.
Input data are automaticallystored in the IN_PORT
register, 6-th location of the Input Register.
P8 pin is a digital output line available directly
connected to the OUT bit of the REG_CONF1;
then it can be set by using a LDCF instruction.
(see table 8.2 and Figure 8.8)
PERIPH_REG_2(i)
P(0:7)
I/O PIN
TTL
CMOS
IO(i)
INP_PORT(i)
TRISTATE
REG_CONF0(i)
P8
OUTPUT PIN
REG_CONF1(0)
OUT
Figure 8.1.
Figure 8.2.
36/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com