Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 25Page - STMicroelectronics ST52T301 Datasheet HTML 26Page - STMicroelectronics ST52T301 Datasheet HTML 27Page - STMicroelectronics ST52T301 Datasheet HTML 28Page - STMicroelectronics ST52T301 Datasheet HTML 29Page - STMicroelectronics ST52T301 Datasheet HTML 30Page - STMicroelectronics ST52T301 Datasheet HTML 31Page - STMicroelectronics ST52T301 Datasheet HTML 32Page - STMicroelectronics ST52T301 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
The power consumption of the device can be
reduced by turning off the A/D converter,
To switch off the A/D converter the CONF_REG2(0)
bit must be reset to ”0”.
The A/D Converter features a sample and hold.
The input voltage Ain, which has to be converted
must be constant, for 12.8
µs.
An internal bandgap reference is available on pin
44, BG. By using this signal as reference for the
signal to be converted, the conversion accuracy is
not strongly related with the variation of the power
supply.
The power supply of the A/D converter (AVDD and
AVSS ) in order to avoid interferences is mantained
separated from the power supply of the digital core.
D7 D6 D5 D4 D3 D2 D1 D0
ADC
Configuration Register
REG_CONF2
Reset ADC
Must be 1
ADC input selection
Not used
Figure 6.2. Configuration Register REG_CONF2
29/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com