Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 30Page - STMicroelectronics ST52T301 Datasheet HTML 31Page - STMicroelectronics ST52T301 Datasheet HTML 32Page - STMicroelectronics ST52T301 Datasheet HTML 33Page - STMicroelectronics ST52T301 Datasheet HTML 34Page - STMicroelectronics ST52T301 Datasheet HTML 35Page - STMicroelectronics ST52T301 Datasheet HTML 36Page - STMicroelectronics ST52T301 Datasheet HTML 37Page - STMicroelectronics ST52T301 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF6
Timer
TMRST - Internal Timer Reset
TMST
- Internal Timer Start
not used
IESL
- Internal/External Signals Selector
TMEL
- Edge/Level Timer Abilitation
TMS
- Timer Output Shape
POL
- Timer Output Polarity
CKSL
- Internal/External Clock Select
Figure 7.6. Timer Configuration Register 6
Bit
Name
Value
Description
0
TMRST
0
Stop
1
Start
1
TMST
0
Stop
1
Start
2
IESL
0
Internal Signals
1
External Signals
3
TMEL
0
on Edge
1
on Level
4
CKSL
0
Internal Timer Clock
1
External Timer Clock
5TMS
0
Pulse Wave (Type 2)
1
Square Wave (Type 1)
6
POL
0
Positive Polarity
1
Negative Polarity
7
not
used
-
Table 7.2. Configuration Register 6 Description
CONF_REG6:
TMRST sets the internal INR signal.
TMST
sets the internal INS signal.
IESL
selects the source of the TRES and
TSTART signals.
IESL=”0” signals are the internal INR and
INS.
IESL=”1” signals come from the TRES
and TCTRL pins.
TMEL
selects the TSTART signal allowing to
work in Level Mode or in Edge Mode like
previously described.
TMEL=”0” means Edge Mode
TMEL=”1” means Level Mode.
CKSL
selects the source of the TMRCLK (work-
ing Timer frequency).
CKSL=”0”, the TMRCLK is the internal
MCLK divided by the Prescaler starting
value.
CKSL=”1”, the TMRCLK is an external
clock by TCLK pin.
TMS
TIMEROUT is a signal with frequency
equal to the working Timer frequency
divided by the starting value of the Pres-
caler (16 bit) and Counter (8 bit). The
Timer output can be either a square wave
with duty-cycle 50% or a pulse signal
(with the pulse durationequal to the Pres-
caler output signal period).
TMS=”1”, TIMEROUT is a square wave
TMS= ”0”, TIMEROUT is a pulse signal.
POL
defines the polarity of the Timer output
signal (TIMEROUT).
34/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com