Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 56Page - STMicroelectronics ST52T301 Datasheet HTML 57Page - STMicroelectronics ST52T301 Datasheet HTML 58Page - STMicroelectronics ST52T301 Datasheet HTML 59Page - STMicroelectronics ST52T301 Datasheet HTML 60Page - STMicroelectronics ST52T301 Datasheet HTML 61Page - STMicroelectronics ST52T301 Datasheet HTML 62Page - STMicroelectronics ST52T301 Datasheet HTML 63Page - STMicroelectronics ST52T301 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
A/D CONVERTER CHARACTERISTICS
(Operating Condition: VDD=5V
±5%-TA=0 °Cto 85 °C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Res
Resolution
8bit
ATOT
Total Accuracy
(1)
FOSC > 5 MHz
FOSC > 10 MHz
FOSC > 20 MHz
±2
LSB
tC
Conversion Time
FOSC =5 - 10 - 20 MHz
32
µs
VAN
Conversion Range
VSSA
2.5
V
VZI
Zero Scale Voltage
Conversion result=
00 Hex
VSSA
V
VFS
Full Scale Voltage (bandgap)
Conversion result=
FF Hex
2.474
V
∆VFS%
Full Scale Voltage (bandgap) precision
v/s VDDA variation
VDDA=5V
±5%
1%
ADI
Analog Input Current during Conversion
fOSC = 20 MHz
2
µΑ
ACIN
(2)
Analog Input Capacitance
2pF
ASI
Analog Source Impedance
1
k
ORI
Output Reference Impedance
100
ORL
Output Reference Load
0.1
mA
ORLC
Analog Reference Load Capacitance
10
pF
Source-Off and Drain-Off Leakage Currents are in the range of nA.
Notes: 1. Noise at VDDA, VSSA <40 mV
2. Excluding Pad Capacitance.
Table 11.8. A/D Converter Characteristics
60/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com