Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 29Page - STMicroelectronics ST52T301 Datasheet HTML 30Page - STMicroelectronics ST52T301 Datasheet HTML 31Page - STMicroelectronics ST52T301 Datasheet HTML 32Page - STMicroelectronics ST52T301 Datasheet HTML 33Page - STMicroelectronics ST52T301 Datasheet HTML 34Page - STMicroelectronics ST52T301 Datasheet HTML 35Page - STMicroelectronics ST52T301 Datasheet HTML 36Page - STMicroelectronics ST52T301 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
7.2 Timer Interrupt
It is possible to enable the Timer Interrupt by
software control.The Timer can be programmed to
generate an Interrupt request until the end of the
count or when there is an external TSTART signal.
The Timer can generate programmable Interrupts
in to 4 different modes:
Interrupt mode 1: Interrupt on counter Stop.
Interrupt mode 2: Interrupt on Rising Edge of
TIMEROUT.
Interrupt mode 3: Interrupt on Falling Edge of
TIMEROUT.
Interrupt mode 4: Interrupt on both edges of
TIMEROUT.
In order to program the interrupt mode INTSL, INTF
and INTR bits of the REG_CONF7 must be set
following the indications shown in the Table7.1.The
Timer interrupt can be used to exit the MCU from
the WAIT mode.
7.3 Timer Configuration
The Timer configuration needs to set 4 registers of
the Configuration Register Bench.
CONF_REG4:
TMLSB contains the less significative bits of the
Prescaler starting value.
CONF_REG5:
TMMSB contains the more significative bits of the
Prescaler starting value
Timer Output
Type 1
Type 2
Prescout*Counter
Figure 7.4. TIMEROUT Signal Type
INTERRUPT
MODE
INTSL
INTF
INTR
11
X
X
2
010
3
001
4
011
Table 7.1. Timer Interrupt Setting
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF4
Timer
TMLSB - Prescaler Init Value
Less Significative Bits
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF5
Timer
TMMSB - Prescaler Init Value
More Significative Bits
Figure 7.5. Timer Configuration Register 4 and 5
33/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com