Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 18Page - STMicroelectronics ST52T301 Datasheet HTML 19Page - STMicroelectronics ST52T301 Datasheet HTML 20Page - STMicroelectronics ST52T301 Datasheet HTML 21Page - STMicroelectronics ST52T301 Datasheet HTML 22Page - STMicroelectronics ST52T301 Datasheet HTML 23Page - STMicroelectronics ST52T301 Datasheet HTML 24Page - STMicroelectronics ST52T301 Datasheet HTML 25Page - STMicroelectronics ST52T301 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
at least 2
µs before updating the data and the
address.
The data updating for the next programming is
performed, directly by the user, on the data bus
P(0:7) while the address is incremented through
the pin CADD.
3.1.2 EPROM Verify
A Verify mode is available in order to verify the
correctness of the data written. It is possible to
activate the Verify mode immediately after the
writing of each byte:
CE = HIGH
OE = LOW
Then, if any error in writing occured, the user has
to repeat the EPROM writing.
The data, during this phase, are avalaible on the
bus P(0:7)
3.1.3 Writing Inhibit
It occurs between the Writing and Verify Mode:
CE = HIGH
OE = HIGH
3.1.4 Standby Mode
The EPROM has a standby mode which reduces
the active current from 10mA (Programming mode)
to less than 100
µA. The Memory is placed in
standby mode by setting CE at HIGH Logic Level
(VPP might be equal to 5 V too). When in standby
mode, the outputs are in high impedance state.
3.2 Eprom Erasure
Thanks to the transparent window present in the
CLCC44-W package, its memory contents may be
erased by exposure to UV light.
Erasure begins when the device is exposed to light
with a wavelength shorter than 4000Å.It should be
noted that sunlight, as well as some types of
ar tificial light, includes wavelengths in the
3000-4000Å range which, on prolonged exposure,
can cause erasure of memory contents. It is thus
recommended that EPROM devices be fitted with
an opaque label over the window area in order to
prevent unintentional erasure.
The recommended erasure procedure for EPROM
devices consists of exposureto short wave UV light
having a wavelength of 2537 Å. The minimum
recommended integrated dose (int ensity x
exp o- su re t im e) f or co mpl et e era su re is
15Wsec/cm 2 .
This is equivalent to an erasure time of 15-20
minutes using a UV source having an intensity of
12mW/cm 2 at a distance of 25mm (1 inch) from
the device window.
OE
P(0:7)
DATA IN
VPP
5V
12V
CE
Inhibit
min 2us
2us typ.
DATA OUT
RESET
CADD
Writing
Verify
ERES
INPUT
PORT
50us typ.
OUTPUT
PORT
3us min.
Figure 3.2. EPROM Programming Timing
22/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com