Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T301 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 39Page - STMicroelectronics ST52T301 Datasheet HTML 40Page - STMicroelectronics ST52T301 Datasheet HTML 41Page - STMicroelectronics ST52T301 Datasheet HTML 42Page - STMicroelectronics ST52T301 Datasheet HTML 43Page - STMicroelectronics ST52T301 Datasheet HTML 44Page - STMicroelectronics ST52T301 Datasheet HTML 45Page - STMicroelectronics ST52T301 Datasheet HTML 46Page - STMicroelectronics ST52T301 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
Bit
Name
Value
Description
0P8
-
Digital Output Bit
1
ECKF
00
5 MHz
01
10 MHz
2
10
20 MHz
11
20 MHz
3
TXC
0
SCI End Transmission
Interrupt Disabled
1
SCI End Transmission
Interrupt Enabled
4
TDRE
0
SCI Transmission Data
Register Empty Interrupt
Disabled
1
SCI Transmission Data
Register Empty Interrupt
Enabled
5
BRK
0
SCI Break Error Interrupt
Disabled
1
SCI Break Error Interrupt
Enabled
6
OVR
0
SCI Overrun Error Interrupt
Disabled
1
SCI Overrun Error Interrupt
Enabled
7
RDRF
0
SCI Received Data Register
Full Interrupt Disabled
1
SCI Received Data Register
FullInterrupt Enabled
Table 9.2 Configuration Register 1 Setting
The analysis of RxD input signal is carried out
looking three samples for each bits received.0
If these three samples are not equal, then the noise
error flag, NSERR, of Input Register 8 is set to 1
and the received data value will be the one
assumed by the majority of the samples.
By means of the procedure described above, to
avoid SCI becomes IDLE, because of a limited
noise due t o an erroneous sampling, th e
transmissionis recognizedas correct and the noise
flag error is set.
At the end of the cycle relative to the reception of
a bit, Recovery Buffer Block will repeat the same
steps 9 times: one step for each received bit, plus
one for the stop acquisition(10 times in case of 9-bit
data, double stop or parity check).
At the end of datareception,Recovery BufferBlock,
will supply information on eventual frame errors by
setting to 1 FRERR flag bit of Input Register 8.
A frame error can occur if the parity check has not
been successfully achieved or if STOP bit has not
been detected.
If Recovery Buffer Block receives 10 consecutive
bits at logic level 0, a break error occurres, and
interrupt routine request starts.
SCDR_RX block
It is a finite state machine synchronized with the
falling edge of the clock master signal, CKM.
The SCDR_RX block waits the signal of complete
reception, from the Recovery Buffer, to load the
word received. Moreover, the SCDR_RCX block
loads the values of FRERR and NSERR flag bits
(Input Register 8), and sets the RXF flag to 1.
Using SRX instruction the data are transferred to
Register File and RXF flag is reset to 0, to indicate
SCDR_RX block is empty.
If a new data arrives before the previous one has
been transferred to Register File, an overrun error
occurres and OVERR flag, of Input Register 8, is
set to 1.
43/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com