Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 3Page - STMicroelectronics STE10 Datasheet HTML 4Page - STMicroelectronics STE10 Datasheet HTML 5Page - STMicroelectronics STE10 Datasheet HTML 6Page - STMicroelectronics STE10 Datasheet HTML 7Page - STMicroelectronics STE10 Datasheet HTML 8Page - STMicroelectronics STE10 Datasheet HTML 9Page - STMicroelectronics STE10 Datasheet HTML 10Page - STMicroelectronics STE10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
7/66
STE10/100
LED display & Miscellaneous
90
LED M1-
LK/Act
or
LED M2-
Act
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for Link and Activity status. This pin will be driven on continually
when a good Link test is detected. This pin will be driven at a 10 Hz blinking
frequency when either effective receiving or transmitting is detected.
For mode 2:
LED display for Activity status. This pin will be driven at a 10 Hz blinking
frequency when either effective receiving or transmitting is detected.
92
LED M1-
Speed
or
LED M2-
100 Link
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for 100M b/s or 10M b/s speed. This pin will be driven on continually
when the 100M b/s network operating speed is detected.
For mode 2:
LED display for 100Ms/s link status. This pin will be driven on continually when
100Mb/s network operating spped is detected.
91
LED M1-
Fd/Col
or
LED M2-
10 Link
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for Full Duplex or Collision status. This pin will be driven on
continually when a full duplex configuration is detected. This pin will be driven at
a 20 Hz blinking frequency when a collision status is detected in the half duplex
configuration.
For mode 2:
LED display for 10Ms/s link status. This pin will be driven on continually when
10Mb/s network operating speed is detected.
89
Vaux-
detect
I
When this pin is asserted, it indicates an auxiliary power source is supported
from the system.
88
Vcc-detect
I
When this pin is asserted, it indicates a PCI power source is supported.
Digital Power Pins
5,11,19,31,36,39,45,51,55,75,93,112,115,125
Vss
8,14,27,38,40,48,60,85,111,122,128
Vdd
Analog Power Pins
94,96,102,106,110
AVss
95,99,100,103,108
AVdd
Table 1. Pin Description
Pin No.
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com