Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 32Page - STMicroelectronics STE10 Datasheet HTML 33Page - STMicroelectronics STE10 Datasheet HTML 34Page - STMicroelectronics STE10 Datasheet HTML 35Page - STMicroelectronics STE10 Datasheet HTML 36Page - STMicroelectronics STE10 Datasheet HTML 37Page - STMicroelectronics STE10 Datasheet HTML 38Page - STMicroelectronics STE10 Datasheet HTML 39Page - STMicroelectronics STE10 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
STE10/100
36/66
6
ANCE
Auto-Negotiation Completed interrupt Enable.
0: disable Auto-Negotiation completed interrupt.
1: enable auto-negotiation complete interrupt.
0
R/W
5
RFE
Remote Fault detected interrupt Enable.
0: disable remote fault detection interrupt.
1: enable remote fault detection interrupt.
0
R/W
4
LDE
Link Down interrupt Enable.
0: disable link fail interrupt.
1: enable link fail interrupt.
0
R/W
3
ANAE
Auto-Negotiation Acknowledge interrupt Enable.
0: disable link partner acknowledge interrupt
1: enable link partner acknowledge interrupt.
0
R/W
2
PDFE
Parallel Detection Fault interrupt Enable.
0: disable fault parallel detection interrupt.
1: enable fault parallel detection interrupt.
0
R/W
1
ANPE
Auto-Negotiation Page Received interrupt Enable.
0: disable Auto-Negotiation page received interrupt.
1: enable Auto-Negotiation page received interrupt.
0
R/W
0
REFE
RX_ERR full interrupt Enable.
0: disable rx_err full interrupt.
1: enable rx_err interrupt.
0
R/W
XR10(offset = dch) - 100CTR, 100BASE-TX Control Register
15,14
---
reserved
13
DISRER
Disable the RX_ERR counter.
0: the receive error counter - RX_ERR is enabled.
1: the receive error counter - RX_ERR is disabled.
0
R/W
12
ANC
Auto-Negotiation completed. This bit is the same as bit 5 of
XR1.
0: the Auto-Negotiation process has not completed yet.
1: the Auto-Negotiation process has completed.
0RO
11
RXVPP
Select peak to peak voltage of receive.
0: receive voltage peak to peak 1.0 VPP
1: receive voltage peak to peak 1.4 VPP.
0
R/W
10
---
reserved
9
ENRLB
Enable remote loop-back function.
1: enable remote loop-back (CSR6 bits 11 and 10 must be 00).
0
R/W
8
ENDCR
Enable DC restoration.
0: disable DC restoration.
1: enable DC restoration.
1
R/W
7
ENRZI
Enable the conversions between NRZ and NRZI.
0: disable the data conversion between NRZ and NRZI.
1: enable the data conversion of NRZI to NRZ in receiving and
NRZ to NRZI in transmitting.
1
R/W
6
---
reserved.
Table 8. Transceiver registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com