Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 33Page - STMicroelectronics STE10 Datasheet HTML 34Page - STMicroelectronics STE10 Datasheet HTML 35Page - STMicroelectronics STE10 Datasheet HTML 36Page - STMicroelectronics STE10 Datasheet HTML 37Page - STMicroelectronics STE10 Datasheet HTML 38Page - STMicroelectronics STE10 Datasheet HTML 39Page - STMicroelectronics STE10 Datasheet HTML 40Page - STMicroelectronics STE10 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
37/66
STE10/100
5.4 Descriptors and Buffer Management
The STE10/100 provides receive and transmit descriptors for packet buffering and management.
5.4.1 Receive descriptor
Table 9. Receive Descriptor Table
31
0
Note: 1. Descriptors and receive buffers addresses must be longword aligned
5
ISOTX
Transmit Isolation. When 1, isolate from MII and tx+/-. This bit
must be 0 for normal operation
0
R/W
4~2
CMODE
Reports current transceiver operating mode.
000: in auto-negotiation
001: 10Base-T half duplex
010: 100Base-TX half duplex
011: reserved
100: reserved
101: 10Base-T full duplex
110: 100Base-TX full duplex
111: isolation, auto-negotiation disable
000
RO
1
DISMLT
Disable MLT3.
0: the MLT3 encoder and decoder are enabled.
1: the MLT3 encoder and decoder are bypassed.
0
R/W
0
DISCRM
Disable Scramble.
0: the scrambler and de-scrambler is enabled.
1: the scrambler and de-scrambler are disabled.
0
R/W
RDES0
Own
Status
RDES1
---
Control
Buffer2 byte-count
Buffer1 byte-count
RDSE2
Buffer1 address (DW boundary)
RDSE3
Buffer2 address (DW boundary
Table 8. Transceiver registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com