Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 7Page - STMicroelectronics STE10 Datasheet HTML 8Page - STMicroelectronics STE10 Datasheet HTML 9Page - STMicroelectronics STE10 Datasheet HTML 10Page - STMicroelectronics STE10 Datasheet HTML 11Page - STMicroelectronics STE10 Datasheet HTML 12Page - STMicroelectronics STE10 Datasheet HTML 13Page - STMicroelectronics STE10 Datasheet HTML 14Page - STMicroelectronics STE10 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
11/66
STE10/100
0
CIOSA
Command I/O Space Access
0: enable the I/O space access ability.
1: disable the I/O space access ability.
0
R/W
R/W: Read and Write able. RO: Read able only.
CR2(offset = 08h), CC - Class Code and Revision Number
31~24
BCC
Base Class Code. It means STE10/100 is a network controller.
02h
RO
23~16
SC
Subclass Code. It means STE10/100 is a Fast Ethernet
Controller.
00h
RO
15~ 8
---
Reserved.
7 ~ 4
RN
Revision Number, identifies the revision number of STE10/
100.
Ah
RO
3 ~ 0
SN
Step Number, identifies the STE10/100 steps within the
current revision.
1h
RO
RO: Read Only.
CR3(offset = 0ch), LT - Latency Timer
31~16
---
Reserved.
15~ 8
LT
Latency Timer. This value specifies the latency timer of the
STE10/100 in units of PCI bus clock cycles. Once the STE10/100
asserts FRAME#, the latency timer starts to count. If the
latency timer expires and the STE10/100 is still asserting
FRAME#, the STE10/100 will terminate the data transaction
as soon as its GNT# is removed.
0
R/W
7 ~ 0
CLS
Cache Line Size. This value specifies the system cache line
size in units of 32-bit double words(DW). The STE10/100
supports cache line sizes of 8, 16, or 32 DW. CLS is used by
the STE10/100 driver to program the cache alignment bits (bit
14 and 15 of CSR0) which are used for cache oriented PCI
commands, e.g., memory-read-line, memory-read-multiple,
and memory-write-and-invalidate.
0
R/W
CR4(offset = 10h), IOBA - I/O Base Address
31~ 7
IOBA
I/O Base Address. This value indicate the base address of PCI
control and status register (CSR0~28), and Transceiver
registers (XR0~10)
0
R/W
6 ~ 1
---
reserved.
0
IOSI
I/O Space Indicator.
1: means that the configuration registers map into I/O space.
1RO
CR5(offset = 14h), MBA - Memory Base Address
31~ 7
MBA
Memory Base Address. This value indicate the base address
of PCI control and status register(CSR0~28), and Transceiver
registers(XR0~10)
0
R/W
6 ~ 1
---
reserved.
Table 4. Configuration Registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com