Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 52Page - STMicroelectronics STE10 Datasheet HTML 53Page - STMicroelectronics STE10 Datasheet HTML 54Page - STMicroelectronics STE10 Datasheet HTML 55Page - STMicroelectronics STE10 Datasheet HTML 56Page - STMicroelectronics STE10 Datasheet HTML 57Page - STMicroelectronics STE10 Datasheet HTML 58Page - STMicroelectronics STE10 Datasheet HTML 59Page - STMicroelectronics STE10 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
STE10/100
56/66
7.0 GENERAL EEPROM FORMAT DESCRIPTION
Table 14. Connection Type Definition
Offset
Length
Description
0
2
STE10/100 Signature: 0x81, 0x09
2
1
Format major version: 0x02,
old ROM format version 0x01 is for STE10/100-MAC only.
3
1
Format minor version: 0x00
4
4
Reserved
86
IEEE network address: ID
1, ID2, ID3, ID4, ID5, ID6
E
1
IEEE ID checksum1:
Sm
0=0, carry=0
SUM=Sm
6 where Smi=(Smi-1<<1)+(carry from shift)+IDi
F
1
IEEE ID checksum2:
Reserved, should be zero.
10
1
PHY type, 0xFF: Internal PHY (STE10/100 only)
11
1
Reserved, should be zero.
12
2
Default Connection Type, see Table 15
14
0B
Reserved, should be zero.
1F
1
Flow Control Field,
00: Disable Flow Control function,
01: Enable Flow Control function
20
2
PCI Device ID.
22
2
PCI Vendor ID.
24
2
PCI Subsystem ID.
26
2
PCI Subsystem Vendor ID.
28
1
MIN_GNT value.
29
1
MAX_LAT value.
2A
4
Cardbus CIS pointer.
2E
2
CSR18 (CR) bit 31-16 recall data.
30
4E
Reserved, should be zero.
7E
2
CheckSum, the least significant two bytes of FCS for data stored in offset 0..7D of
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com