Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 9Page - STMicroelectronics STE10 Datasheet HTML 10Page - STMicroelectronics STE10 Datasheet HTML 11Page - STMicroelectronics STE10 Datasheet HTML 12Page - STMicroelectronics STE10 Datasheet HTML 13Page - STMicroelectronics STE10 Datasheet HTML 14Page - STMicroelectronics STE10 Datasheet HTML 15Page - STMicroelectronics STE10 Datasheet HTML 16Page - STMicroelectronics STE10 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
13/66
STE10/100
15~8
DS
Driver Space for implementation-specific purpose. Since this
area won’t be cleared upon software reset, an STE10/100
driver can use this R/W area as user-specified storage.
0
R/W
7 ~ 0
---
reserved
CR32(offset = 80h), SIG - Signature of STE10/100
31~16
DID
Device ID, the device ID number of the STE10/100.
0981h
RO
15~0
VID
Vendor ID
1317h
RO
CR48(offset = c0h), PMR0, Power Management Register0.
31
30
29
28
27
PSD3c,
PSD3h,
PSD2,
PSD1,
PSD0
PME_Support.
The STE10/100 will assert PME# signal while in the D0, D1,
D2, D3hot and D3cold power state. The STE10/100 supports
Wake-up from the above five states. Bit 31 (support wake-up
from D3cold) is loaded from EEPROM after power-up or
hardware reset. To support the D3cold wake-up function, an
auxiliary power source will be sensed during reset by the
STE10/100 Vaux_detect pin. If sensed low, PSD3c will be set
to 0; if sensed high, and if D3CS (bit 31of CSR18) is set
(CSR18 bits 16~31 are recalled from EEPROM at reset), then
bit 31 will be set to 1.
X1111b
RO
26
D2S
D2_Support. The STE10/100 supports the D2 Power
Management State.
1RO
25
D1S
D1_Support. The STE10/100 supports the D1 Power
Management State.
1RO
24~22
AUXC
Aux Current. These three bits report the maximum 3.3Vaux
current requirements for STE10/100 chip. If bit 31 of PMR0 is
‘1’, the default value is 111b, meaning the STE10/100 needs
375 mA to support remote wake-up in D3cold power state.
Otherwise, the default value is 000b, meaning the STE10/100
does not support remote wake-up from D3cold power state.
XXXb
RO
21
DSI
The Device Specific Initialization bit indicates whether any
special initialization of this function is required before the
generic class device driver is able to use it.
0: indicates that the function does not require a device-specific
initialization sequence following transition to the D0
uninitialized state.
0RO
20
---
Reserved.
19
PMEC
PME Clock. Indicates that the STE10/100 does not rely on the
presence of the PCI clock for PME# operation
0RO
18~16
VER
Version. The value of 010b indicates that the STE10/100
complies with Revision 1.0a of the PCI Power Management
Interface Specification.
010b
RO
15~8
NIP
Next Item Pointer. This value is always 0h, indicating that
there are no additional items in the Capabilities List.
00h
RO
7~0
CAPID
Capability Identifier. This value is always 01h, indicating the
link list item as being the PCI Power Management Registers.
01h
RO
Table 4. Configuration Registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com