Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 1 Page - STMicroelectronics

  STE10 Datasheet HTML 1Page - STMicroelectronics STE10 Datasheet HTML 2Page - STMicroelectronics STE10 Datasheet HTML 3Page - STMicroelectronics STE10 Datasheet HTML 4Page - STMicroelectronics STE10 Datasheet HTML 5Page - STMicroelectronics STE10 Datasheet HTML 6Page - STMicroelectronics STE10 Datasheet HTML 7Page - STMicroelectronics STE10 Datasheet HTML 8Page - STMicroelectronics STE10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
1/66
STE10/100
September 1999
This is preliminary information on a new product now in development. Details are subject to change without notice.
1.0 DESCRIPTION
The STE10/100 is a high performance PCI Fast Eth-
ernet controller with integrated physical layer inter-
face for 10BASE-T and 100BASE-TX application.
It was designed with advanced CMOS technology to
provide glueless 32-bit bus master interface for PCI
bus, boot ROM interface, CSMA/CD protocol for Fast
Ethernet, as well as the physical media interface for
100BASE-TX of IEEE802.3u and 10BASE-T of
IEEE802.3. The auto-negotiation function is also
supported for speed and duplex detection.
The STE10/100 provides both half-duplex and full-
duplex operation, as well as support for full-duplex
flow control. It provides long FIFO buffers for trans-
mission and receiving, and early interrupt mecha-
nism to enhance performance. The STE10/100 also
supports ACPI and PCI compliant power manage-
ment function.
2.0 FEATURES
2.1 Industry standard
s
IEEE802.3u 100BASE-TX and IEEE802.3
10BASE-T compliant
s
Support for IEEE802.3x flow control
s
IEEE802.3u Auto-Negotiation support for
10BASE-T and 100BASE-TX
s
PCI bus interface Rev. 2.2 compliant
s
ACPI and PCI power management standard
compliant
s
Support PC99 wake on LAN
2.2 FIFO
s
Provides independent transmission and
receiving FIFOs, each 2k bytes long
s
Pre-fetches up to two transmit packets to
minimize inter frame gap (IFG) to 0.96us
s
Retransmits collided packet without reload from
host memory within 64 bytes.
s
Automatically retransmits FIFO under-run
packet with maximum drain threshold until 3rd
time retry failure without influencing the
registers and transmit threshold of next packet.
PQFP128 (14x20x2.7mm)
ORDERING NUMBER: STE10/100
PRODUCT PREVIEW
PCI 10/100 ETHERNET CONTROLLER
WITH INTEGRATED PHY (5V)
Figure 1. STE10/100Block Diagram
Tx FiFo
DMA
Flow
Control
Manchester
Encoder
Manchester
Decoder
10 TX
Filter
100 clock
Recovery
10 clock
Recovery
BaseLine
Restore
Adaptive
Equalization
TXFreq.
Synth.
Transmitter
Scrambler
Descrambler
Auto
Negotiation
4B/5B
5B/4B
+
_
Link
Polarity
25Mhz
125Mhz
20Mhz
RxFiFo


Similar Part No. - STE10

ManufacturerPart #DatasheetDescription
logo
ABB
STE100 ABB-STE100 Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
Vishay Siliconix
STE1000-50T4MI VISHAY-STE1000-50T4MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE1000-60T4MI VISHAY-STE1000-60T4MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE10000-10T4MI VISHAY-STE10000-10T4MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
logo
STMicroelectronics
STE100A STMICROELECTRONICS-STE100A Datasheet
795Kb / 82P
PCI 10/100 Ethernet controller with integrated PHY (3.3V)
28-Feb-2007
More results

Similar Description - STE10

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
STMicroelectronics
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
PCI 10/100 Ethernet controller with integrated PHY (3.3V)
28-Feb-2007
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com