Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 20Page - STMicroelectronics STE10 Datasheet HTML 21Page - STMicroelectronics STE10 Datasheet HTML 22Page - STMicroelectronics STE10 Datasheet HTML 23Page - STMicroelectronics STE10 Datasheet HTML 24Page - STMicroelectronics STE10 Datasheet HTML 25Page - STMicroelectronics STE10 Datasheet HTML 26Page - STMicroelectronics STE10 Datasheet HTML 27Page - STMicroelectronics STE10 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
STE10/100
24/66
Table 6. Control/Status register description
CSR14(offset = 70h), WPDR –Wake-up Pattern Data Register
Offset
31
16
15
8
7
0
0000h
Wake-up pattern 1 mask bits 31:0
0004h
Wake-up pattern 1 mask bits 63:32
0008h
Wake-up pattern 1 mask bits 95:64
000ch
Wake-up pattern 1 mask bits 127:96
0010h
CRC16 of pattern 1
Reserved
Wake-up pattern 1 offset
0014h
Wake-up pattern 2 mask bits 31:0
0018h
Wake-up pattern 2 mask bits 63:32
001ch
Wake-up pattern 2 mask bits 95:64
0020h
Wake-up pattern 2 mask bits 127:96
0024h
CRC16 of pattern 2
Reserved
Wake-up pattern 2 offset
0028h
Wake-up pattern 3 mask bits 31:0
002ch
Wake-up pattern 3 mask bits 63:32
0030h
Wake-up pattern 3 mask bits 95:64
0034h
Wake-up pattern 3 mask bits 127:96
0038h
CRC16 of pattern 3
Reserved
Wake-up pattern 3 offset
003ch
Wake-up pattern 4 mask bits 31:0
0040h
Wake-up pattern 4 mask bits 63:32
0044h
Wake-up pattern 4 mask bits 95:64
0048h
Wake-up pattern 4 mask bits 127:96
004ch
CRC16 of pattern 4
Reserved
Wake-up pattern 4 offset
0050h
Wake-up pattern 5 mask bits 31:0
0054h
Wake-up pattern 5 mask bits 63:32
0058h
Wake-up pattern 5 mask bits 95:64
005ch
Wake-up pattern 5 mask bits 127:96
0060h
CRC16 of pattern 5
Reserved
Wake-up pattern 5 offset
1. Offset value is from 0-255 (8-bit width).
2. To load the whole wake-up frame filtering information, consecutive 25 long words write operation to CSR14 should be done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com