Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 35Page - STMicroelectronics STE10 Datasheet HTML 36Page - STMicroelectronics STE10 Datasheet HTML 37Page - STMicroelectronics STE10 Datasheet HTML 38Page - STMicroelectronics STE10 Datasheet HTML 39Page - STMicroelectronics STE10 Datasheet HTML 40Page - STMicroelectronics STE10 Datasheet HTML 41Page - STMicroelectronics STE10 Datasheet HTML 42Page - STMicroelectronics STE10 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
39/66
STE10/100
5.4.2 Transmit Descriptor
Table 11. Transmit Descriptor Table
31
0
Note: 1. Descriptor addresses must be longword alignment
24
RCH
Second address chain
Used for chain structure, indicating the buffer 2 address is the next descriptor address. Ring
mode takes precedence over chained mode
23~22
---
reserved
21~11
RBS2
Buffer 2 size (DW boundary)
10~ 0
RBS1
Buffer 1 size (DW boundary)
RDES2
31~0
RBA1
Receive Buffer Address 1. This buffer address should be double word aligned.
RDES3
31~0
RBA2
Receive Buffer Address 2. This buffer address should be double word aligned.
TDES0
Own
Status
TDES1
Control
Buffer2 byte-count
Buffer1 byte-count
TDSE2
Buffer1 address
TDSE3
Buffer2 address
Table 12. Transmit Descriptor Descriptions
Bit#
Name
Descriptions
TDSE0
31
OWN
Own bit
1: Indicates this descriptor is ready to transmit
0: No transmit data in this descriptor.
30-24
---
Reserved
23-22
UR
Under-run count
21-16
---
Reserved
15
ES
Error summary. Logical OR of the following bits:
1: under-run error
8: excessive collision
9: late collision
10: no carrier
11: loss carrier
14: jabber time-out
14
TO
Transmit jabber time-out
Table 10. Receive Descriptor Descriptions
Bit#
Name
Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com