Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 5 Page - STMicroelectronics

  STE10 Datasheet HTML 1Page - STMicroelectronics STE10 Datasheet HTML 2Page - STMicroelectronics STE10 Datasheet HTML 3Page - STMicroelectronics STE10 Datasheet HTML 4Page - STMicroelectronics STE10 Datasheet HTML 5Page - STMicroelectronics STE10 Datasheet HTML 6Page - STMicroelectronics STE10 Datasheet HTML 7Page - STMicroelectronics STE10 Datasheet HTML 8Page - STMicroelectronics STE10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
5/66
STE10/100
4.0 4. PIN DESCRIPTION
Table 1. Pin Description
Pin No.
Name
Type
Description
PCI bus Interface
113
INTA#
O/D
PCI interrupt request. STE10/100 asserts this signal when one of the interrupt
event is set.
114
RST#
I
PCI Reset signal to initialize the STE10/100. The RST signal should be asserted
for at least 100
µs to ensure that the STE10/100 completes initialization. During
the reset period, all the output pins of STE10/100 will be placed in a high-
impedance state and all the O/D pins are floated.
116
PCI-CLK
I
PCI clock input to STE10/100 for PCI Bus functions. The Bus signals are
synchronized relative to the rising edge of PCI-CLK PCI-CLK must operate at a
frequency in the range between 20MHz and 33MHz to ensure proper network
operation
117
GNT#
I
PCI Bus Granted. This signal indicates that the STE10/100 has been granted
ownership of the PCI Bus as a result of a Bus Request.
118
REQ#
O
PCI Bus Request. STE10/100 asserts this line when it needs access to the PCI
Bus.
119
PME#
O
OD
The Power Management Event signal is an open drain, active low signal. The
STE10/100 will assert PME# to indicate that a power management event has
occurred.
When WOL (bit 18 of CSR18) is set, the STE10/100 is placed in Wake On LAN
mode. While in this mode, the STE10/100 will activate the PME# signal upon
receipt of a Magic Packet frame from the network.
In the Wake On LAN mode, when LWS (bit 17 of CSR18) is set, the LAN-WAKE
signal follows HP’s protocol; otherwise, it is IBM protocol.
120,121
123,124
126,127
1,2
6,7
9,10
12,13
15,16
29,30
32~35
37
41
43,44
46,47
49,50
52,53
AD-31,30
AD-29,28
AD-27,26
AD-25,24
AD-23,22
AD-21,20
AD-19,18
AD-17,16
AD-15,14
AD-13~10
AD-9
AD-8
AD-7, 6
AD-5,4
AD-3,2
AD-1,0
I/O
Multiplexed PCI Bus address/data pins
3
17
28
42
C-BEB3
C-BEB2
C-BEB1
C-BEB0
I/O
Bus command and byte enable
4
IDSEL
I
Initialization Device Select. This signal is asserted when the host issues
configuration cycles to the STE10/100.
18
FRAME#
I/O
Asserted by PCI Bus master during bus tenure
20
IRDY#
I/O
Master device is ready to begin data transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com