Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 2Page - STMicroelectronics STE10 Datasheet HTML 3Page - STMicroelectronics STE10 Datasheet HTML 4Page - STMicroelectronics STE10 Datasheet HTML 5Page - STMicroelectronics STE10 Datasheet HTML 6Page - STMicroelectronics STE10 Datasheet HTML 7Page - STMicroelectronics STE10 Datasheet HTML 8Page - STMicroelectronics STE10 Datasheet HTML 9Page - STMicroelectronics STE10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
STE10/100
6/66
21
TRDY#
I/O
Target device is ready to begin data transaction
22
DEVSEL#
I/O
Device select. Indicates that a PCI target device address has been decoded
23
STOP#
I/O
PCI target device request to the PCI master to stop the current transaction
24
PERR#
I/O
Data parity error detected, driven by the device receiving data
25
SERR#
O/D
Address parity error
26
PAR
I/O
Parity. Even parity computed for AD[31:0] and C/BE[3:0]; master drives PAR for
address and write data phase, target drives PAR for read data phase
BootROM/EEPROM Interface
56~59
61~66
80~86
87
BrA0~3
BrA4~9
BrA10~15
BrA16/
LED M2 -
Fd/Col
I/O
ROM data bus
Provides up to 128kB EPROM or Flash-ROM application space.
This pin can be programmed as mode 2 LED display for Full Duplex or Collision
status. It will be driven (LED on) continually when a full duplex configuration is
detected, or it will be driven at a 20 Hz blinking frequency when a collision status
is detected in the half duplex configuration.
67~71
72
73
74
BrD0~4
BrD5/EDO
BrD6/EDI
BrD7/ECK
O
O/I
O/O
O/O
BootROM data bus (0~7)
EDO: Data output of serial EEPROM, data input to STE10/100
EDI:Data input to serial EEPROM, data output from STE10/100
ECK:Clock input to serial EEPROM, sourced by STE10/100
76
EECS
O
Chip Select of serial EEPROM
77
BrCS#
O
BootROM Chip Select
78
BrOE#
O
BootROM Read Output Enable for flash ROM application
79
BrWE#
O
BootROM Write Enable for flash ROM application.
Physical Interface
98
X1
I
25 MHz reference clock input for Physical portion. When an external 25 MHz
crystal is used, this pin will be connected to one of its terminals, and X2 will be
connected to the other terminal. If an external 25 MHz oscillator is used, then this
pin will be connected to the oscillator’s output pin.
97
X2
O
25 MHz reference clock output for Physical portion. When an external 25MHz
crystal is used, this pin will be connected to one of the crystal terminals (see X1,
above). If an external clock source is used, then this pin should be left open.
107,109
TX+, TX-
O
The differential Transmit outputs of 100BASE-TX or 10BASE-T, these pins
connect directly to Magnetic.
105,104
RX+, RX-
I
The differential Receive inputs of 100BASE-TX or 10BASE-T, these pins connect
directly from Magnetic.
101
Iref
O
Reference Resistor connecting pin for reference current, directly connects a 5K
Ohm
± 1% resistor to Vss.
Table 1. Pin Description
Pin No.
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com