Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 31Page - STMicroelectronics STE10 Datasheet HTML 32Page - STMicroelectronics STE10 Datasheet HTML 33Page - STMicroelectronics STE10 Datasheet HTML 34Page - STMicroelectronics STE10 Datasheet HTML 35Page - STMicroelectronics STE10 Datasheet HTML 36Page - STMicroelectronics STE10 Datasheet HTML 37Page - STMicroelectronics STE10 Datasheet HTML 38Page - STMicroelectronics STE10 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
35/66
STE10/100
XR7(offset = d0h) - XMC, XCVR Mode control
15~12
---
reserved
0
RO
11
LD
Long Distance mode of 10BASE-T.
0: normal squelch level.
1: reduced 10Base-T squelch level for extended cable length.
0
R/W
10~0
---
reserved
0
RO
XR8(offset = d4h) - XCIIS, XCVR Configuration information and Interrupt Status
15~10
----
reserved
0
RO
9
SPEED
Speed configuration setting.
0: the speed is 10Mb/s.
1: the speed is 100Mb/s.
0RO
8
DUPLEX
Duplex configuration setting.
0: the duplex mode is half.
1: the duplex mode is full.
0RO
7
PAUSE
PAUSE function configuration setting for flow control.
0: PAUSE function is disabled.
1: PAUSE function is enabled
0RO
6
ANC
Auto-Negotiation Completed Interrupt.
0: Auto-Negotiation has not completed yet.
1: Auto-Negotiation has completed.
0
RO/LH*
5
RFD
Remote Fault Detected Interrupt.
0: there is no remote fault detected.
1: remote fault is detected.
0
RO/LH*
4
LS
Link Fail Interrupt.
0: link test status is up.
1: link is down.
0
RO/LH*
3
ANAR
Auto-Negotiation Acknowledge Received Interrupt.
0: there is no link code word received.
1: link code word is receive from link partner.
0
RO/LH*
2
PDF
Parallel Detection Fault Interrupt.
0: there is no parallel detection fault.
1: parallel detection is fault.
0
RO/LH*
1
ANPR
Auto-Negotiation Page Received Interrupt.
0: there is no Auto-Negotiation page received.
1: auto-negotiation page is received.
0
RO/LH*
0
REF
Receive Error full Interrupt.
0: the receive error number is less than 64.
1: 64 error packets is received.
0
RO/LH*
LH = High Latching and cleared by reading.
XR9(offset = d8h) - XIE, XCVR Interrupt Enable Register
15~7
---
reserved
Table 8. Transceiver registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com