Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 51Page - STMicroelectronics STE10 Datasheet HTML 52Page - STMicroelectronics STE10 Datasheet HTML 53Page - STMicroelectronics STE10 Datasheet HTML 54Page - STMicroelectronics STE10 Datasheet HTML 55Page - STMicroelectronics STE10 Datasheet HTML 56Page - STMicroelectronics STE10 Datasheet HTML 57Page - STMicroelectronics STE10 Datasheet HTML 58Page - STMicroelectronics STE10 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
55/66
STE10/100
s
Compatibility with AMD Magic Packet™ Technology.
6.9.1 Power States
s
DO (Fully On)
In this state the STE10/100 operates with full functionality and consumes normal power. While in the
D0 state, if the PCI clock is lower than 16MHz, the STE10/100 may not receive or transmit frames
properly.
s
D1, D2, and D3hot
In these states, the STE10/100 doesn’t respond to any accesses except configuration space and full
function context in place. The only network operation the STE10/100 can initiate is a wake-up event.
s
D3cold (Power Removed)
In this state all function context is lost. When power is restored, a PCI reset must be asserted and the
function will return to D0.
s
D3hot (Software Visible D3)
When the STE10/100 is brought back to D0 from D3hot the software must perform a full initialization.
The STE10/100 in the D3hot state responds to configuration cycles as long as power and clock are
supplied. This requires the device to perform an internal reset and return to a power-up reset condition
without the RST# pin asserted.
Table 13. Power Stage
Device
State
PCI Bus
State
Function
Context
Clock
Power
Supported
Actions to
Function
Supported
Actions from
Function
D0
B0
Full function context in
place
Full speed
Full
power
Any PCI
transaction
Any PCI
transaction or
interrupt
D1
B0, B1
Configuration
maintained. No Tx and
Rx except wake-up
events
Stopped to
Full speed
PCI configuration
access
Only wake-up
events
D2
B0, B1,
B2
Configuration
maintained. No Tx and
Rx
Stopped to
Full speed
PCI configuration
access(B0, B1)
D3hot
B0, B1,
B2
Configuration lost, full
initialization required
upon return to D0
Stopped to
Full speed
PCI configuration
access(B0, B1)
D3cold
B3
All configuration lost.
Power-on defaults in
place on return to D0
No clock
No power
Power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com