Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 6Page - STMicroelectronics STE10 Datasheet HTML 7Page - STMicroelectronics STE10 Datasheet HTML 8Page - STMicroelectronics STE10 Datasheet HTML 9Page - STMicroelectronics STE10 Datasheet HTML 10Page - STMicroelectronics STE10 Datasheet HTML 11Page - STMicroelectronics STE10 Datasheet HTML 12Page - STMicroelectronics STE10 Datasheet HTML 13Page - STMicroelectronics STE10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
STE10/100
10/66
29
SMA
Status Master Abort.
1: means that STE10/100 received a master abort and has
terminated a master transaction.
0
R/W
28
STA
Status Target Abort.
1: means that STE10/100 received a target abort and has
terminated a master transaction.
0
R/W
27
---
Reserved.
26, 25
SDST
Status Device Select Timing. Indicates the timing of the chip’s
assertion of device select.
01: indicates a medium assertion of DEVSEL#
01
R/O
24
SDPR
Status Data Parity Report.
1: when three conditions are met:
a. STE10/100 asserted parity error (PERR#) or it detected
parity error asserted by another device.
b. STE10/100 is operating as a bus master.
c. STE10/100’s parity error response bit (bit 6 of CR1) is
enabled.
0
R/W
23
SFBB
Status Fast Back-to-Back
Always 1, since STE10/100 has the ability to accept fast back
to back transactions.
1
R/O
22~21
---
Reserved.
20
NC
New Capabilities. Indicates whether the STE10/100 provides a
list of extended capabilities, such as PCI power management.
1: the STE10/100 provides the PCI management function
0: the STE10/100 doesn’t provide New Capabilities.
Same as
bit 19 of
CSR18
RO
19~ 9
---
Reserved.
8
CSE
Command System Error Response
1: enable system error response. The STE10/100 will assert
SERR# when it finds a parity error during the address phase.
0
R/W
7
---
Reserved.
6
CPE
Command Parity Error Response
0: disable parity error response. STE10/100 will ignore any
detected parity error and keep on operating. Default value is
0.
1: enable parity error response. STE10/100 will assert system
error (bit 13 of CSR5) when a parity error is detected.
0
R/W
5~ 3
---
Reserved.
2
CMO
Command Master Operation Ability
0: disable the STE10/100 bus master ability.
1: enable the PCI bus master ability. Default value is 1 for
normal operation.
0
R/W
1
CMSA
Command Memory Space Access
0: disable the memory space access ability.
1: enable the memory space access ability.
0
R/W
Table 4. Configuration Registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com