Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 45Page - STMicroelectronics STE10 Datasheet HTML 46Page - STMicroelectronics STE10 Datasheet HTML 47Page - STMicroelectronics STE10 Datasheet HTML 48Page - STMicroelectronics STE10 Datasheet HTML 49Page - STMicroelectronics STE10 Datasheet HTML 50Page - STMicroelectronics STE10 Datasheet HTML 51Page - STMicroelectronics STE10 Datasheet HTML 52Page - STMicroelectronics STE10 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
49/66
STE10/100
6.5 Network Operation
6.5.1 MAC Operation
The MAC (Media Access Control) portion of STE10/100 incorporates the essential protocol requirements for op-
erating as an IEEE802.3 and Ethernet compliant node.
s
Format
*Note: If padding is disabled (TDES1 bit 23), the data field may be shorter than 46 bytes.
s
Transmit Data Encapsulation
The differences between transmit data encapsulation and a MAC frame while operating in 100BASE-
TX mode are listed as follows:
1. The first byte of the preamble is replaced by the JK code according to IEE802.3u, clause 24.
2. After the CRC field of the MAC frame, the STE10/100 will insert the TR code according to IEE802.3u,
clause 24.
s
Receive Data Decapsulation
When operating in 100BASE-TX mode the STE10/100 detects a JK code in a preamble as well as a TR
code at the packet end. If a JK code is not detected, the STE10/100 will abort the reception of the frame
and wait for a new JK code detection. If a TR code is not detected, the STE10/100 will report a CRC
error.
s
Deferring
The Inter-Frame Gap (IFG) time is divided into two parts:
1.IFG1 time (64-bit time): If a carrier is detected on the medium during this time, the STE10/100 will
reset the IFG1 time counter and restart to monitor the channel for an idle again.
2.IFG2 time (32-bit time): After counting the IFG2 time the STE10/100 will access the channel even
though a carrier has been sensed on the network.
s
Collision Handling
The scheduling of re-transmissions are determined by a controlled randomization process called
“truncated binary exponential back-off”. At the end of enforcing a collision (jamming), the STE10/100
delays before attempting to re-transmit the packet. The delay is an integer multiple of slot time. The
number of slot times to delay before the nth re-transmission attempt is chosen as a uniformly distributed
integer r in the range:
0 · r < 2
k
where k = min(n, 10)
Field
Description
Preamble
A 7-byte field of (10101010b)
Start Frame Delimiter
A 1-byte field of (10101011b)
Destination Address
A 6-byte field
Source Address
A 6-byte field
Length/Type
A 2-byte field indicated the frame is in IEEE802.3 format or Ethernet format.
IEEE802.3 format: 0000H ~ 05DCH for Length field
Ethernet format: 05DD ~ FFFFH for Type field
Data
*46 ~ 1500 bytes of data information
CRC
A 32-bit cyclic redundancy code for error detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com